Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB97C102 Datasheet(PDF) 44 Page - SMSC Corporation

Part # USB97C102
Description  Multi-Endpoint USB Peripheral Controller with Integrated 5 Port HUB
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB97C102 Datasheet(HTML) 44 Page - SMSC Corporation

Back Button USB97C102 Datasheet HTML 40Page - SMSC Corporation USB97C102 Datasheet HTML 41Page - SMSC Corporation USB97C102 Datasheet HTML 42Page - SMSC Corporation USB97C102 Datasheet HTML 43Page - SMSC Corporation USB97C102 Datasheet HTML 44Page - SMSC Corporation USB97C102 Datasheet HTML 45Page - SMSC Corporation USB97C102 Datasheet HTML 46Page - SMSC Corporation USB97C102 Datasheet HTML 47Page - SMSC Corporation USB97C102 Datasheet HTML 48Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 80 page
background image
SMSC DS – USB97C102
Page 44
Rev. 03/23/2000
MEMORY MANAGEMENT UNIT (MMU) REGISTER DESCRIPTION
MMU Interface Registers
Table 77 - MMU Data Window Register
MMU_DATA
(0x6000)
MMU DATA WINDOW REGISTER
BIT
NAME
R/W
DESCRIPTION
[7:0]
[D7:D0]
R/W
Data Packet Window.
When RCV in the PRH register = '1', this is the byte pointed to by
the packet number on the top of the RXFIFO, and the packet
offset of PRH:PRL.
When RCV in the PRH register = '0', this is the byte pointed to by
the packet number in the PNR register, and the packet offset of
PRH:PRL.
Notes:
1)
The Read FIFO may take at most 1.218µs after the PNH is written to present valid data.
2)
The Write FIFO may take at most 2.520µs after writing the last byte of data to the FIFO to finish writing that data
to the buffer.
3)
The worst case sequential access times to the FIFOs while the 8237 is simultaneously arbitrating for the MMU,
and a USB packet is currently being transferred, is 588ns.
a)
(READ) Therefore, after changing the PRH register, the 8051 should wait at least 2 instruction cycles (at
12MHz) before reading from this register. After waiting, the 8051, in auto-increment mode (PRH bit 6=1),
can read a byte every cycle (at up to 16MHz).
b)
(WRITE) The data register mode can be switched to write at any time, and data can be written immediately
on every instruction cycle. After writing data, the 8051 should wait at least 3 instruction cycles (at 12MHz)
before changing the PNR or PRH :PRL registers for a Read . Again, after waiting 1.218µs, the 8051 can
read a byte every instruction cycle.
Each endpoint will have a three bit up/dn counter which will maintain the number of packets queued for transmit at
that endpoint. These counters are readable through these registers (there are sixteen – from 7F40 to 7F4F).
Table 78 – Tx FIFO Counter
TX_FIFOx
(0x7F40-0x7F4F)
Tx FIFO Counter
BIT
NAME
R/W
DESCRIPTION
[7:3]
Reserved
R
Reserved
[2:0]
TxFIFO Count
R
This field will contain the number of packets that are queued for
transmit at each endpoint. It is incremented when there is a push
on the Tx FIFO of the corresponding endpoint, and it is
decremented when there is a pop on the Tx FIFO of the
corresponding endpoints.
Table 79 - Pointer Register (Low)
PRL
(0x7F50)
POINTER REGISTER (LOW)
BIT
NAME
R/W
DESCRIPTION
[7:0]
A[7:0]
R/W
LSB of the (0-1277 Max) offset of the allocated Packet Pointed to
by PNR. The byte(s) pointed to by this register can be read and
written to by the MCU at 0x6000.
Note 1: This register must be written before PRH .
Note 2: The value read from this register is not necessarily what was last written to it, but actually the last address
used to access the buffer RAM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com