Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB97C102 Datasheet(PDF) 29 Page - SMSC Corporation

Part # USB97C102
Description  Multi-Endpoint USB Peripheral Controller with Integrated 5 Port HUB
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB97C102 Datasheet(HTML) 29 Page - SMSC Corporation

Back Button USB97C102 Datasheet HTML 25Page - SMSC Corporation USB97C102 Datasheet HTML 26Page - SMSC Corporation USB97C102 Datasheet HTML 27Page - SMSC Corporation USB97C102 Datasheet HTML 28Page - SMSC Corporation USB97C102 Datasheet HTML 29Page - SMSC Corporation USB97C102 Datasheet HTML 30Page - SMSC Corporation USB97C102 Datasheet HTML 31Page - SMSC Corporation USB97C102 Datasheet HTML 32Page - SMSC Corporation USB97C102 Datasheet HTML 33Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 80 page
background image
SMSC DS – USB97C102
Page 29
Rev. 03/23/2000
Table 35 - Wakeup Mask 2 Register
WU_MSK_2
(0x7F2D - RESET=0x0F)
WAKEUP MASK 2
BIT
NAME
R/W
DESCRIPTION
[7 :4]
'0'
R
Reserved
3
IRQ3
R/W
External wakeup event enable.
0 = Enabled
1 = Masked
2
IRQ2
R/W
External wakeup event enable.
0 = Enabled
1 = Masked
1
IRQ1
R/W
External wakeup event enable.
0 = Enabled
1 = Masked
0
IRQ0
R/W
External wakeup event enable.
0 = Enabled
1 = Masked
Note: Interrupt events enabled by these bits are be routed to the PWR_MNG Bit 0 in the ISR_1 register.
MCU ISA Interface Registers
Table 36 – ISA Bus Request Register
BUS_REQ
(0x7F70 – RESET=0x00)
ISA BUS REQUEST REGISTER
BIT
NAME
R/W
DESCRIPTION
7
INH_TC3
R/W
This bit inhibits DMA channel 3 TC.**See Note Below
0 = TC is driven onto the ISA bus via EOP as before.
1 = TC is forced inactive.
6
INH_TC2
R/W
This bit inhibits DMA channel 2 TC.** See Note Below
0 = TC is driven onto the ISA bus via EOP as before.
1 = TC is forced inactive.
5
INH_TC1
R/W
This bit inhibits DMA channel 1 TC.** See Note Below
0 = TC is driven onto the ISA bus via EOP as before.
1 = TC is forced inactive.
4
INH_TC0
R/W
This bit inhibits DMA channel 0 TC.** See Note Below
0 = TC is driven onto the ISA bus via EOP as before.
1 = TC is forced inactive.
3
RESET_8237
R/W
Writing a '1' holds the 8237 hardware reset input active. Writing
'0' releases it for normal operation. May be used for clock
switching or power management functions.
2
AEN
R
This bit reflects the status of the 8237's AEN pin. This bit does
not generate an interrupt
1
HLDA
R/W
The 8051 can grant the bus when it is ready via HLDA. This
should tri-state any common signals between the 8051 and the
8237 on the ISA bus.
0
HREQ
R
This bit reflects the status of the 8237's HREQ bus request pin.
This bit does not generate an interrupt.
Note:
HLDA Example: When the 8051 is running at 24MHz, and the 8237 is running at 2MHz, the 8237 may take
up to 1.5us to complete a transfer after deasserting HLDA When running the 8051 at 24MHz, wait states
must be added when the 8237 is running at 2 or 4 MHz. When running the 8051 at 12MHz, wait states must
be added when the 8237 is running at 2 MHz.
Note**: The “Inhibit” function is not valid for Memory-to-Memory DMA cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com