Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB97C102 Datasheet(PDF) 71 Page - SMSC Corporation

Part # USB97C102
Description  Multi-Endpoint USB Peripheral Controller with Integrated 5 Port HUB
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB97C102 Datasheet(HTML) 71 Page - SMSC Corporation

Back Button USB97C102 Datasheet HTML 67Page - SMSC Corporation USB97C102 Datasheet HTML 68Page - SMSC Corporation USB97C102 Datasheet HTML 69Page - SMSC Corporation USB97C102 Datasheet HTML 70Page - SMSC Corporation USB97C102 Datasheet HTML 71Page - SMSC Corporation USB97C102 Datasheet HTML 72Page - SMSC Corporation USB97C102 Datasheet HTML 73Page - SMSC Corporation USB97C102 Datasheet HTML 74Page - SMSC Corporation USB97C102 Datasheet HTML 75Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 80 page
background image
SMSC DS – USB97C102
Page 71
Rev. 03/23/2000
USB AC PARAMETERS
Full Speed: 4 to 20ns at CL = 50pF
Differential
Data Lines
10%
Rise Time
90%
Fall Time
tF
tR
10%
90%
CL
CL
FIGURE 10 - DATA SIGNAL RISE AND FALL TIME
Data Line
Crossover
Point
50% Point of
Initial Swing
VSS
VSS
Driver End
of Cable
Round Trip
Cable Delay
80ns (max)
Receiver
End of Cable
One Way
Cable
Delay
30ns
(max)
FIGURE 11 - CABLE DELAY
TPERIOD
Differential
Data Lines
Crossover
Points
Paired
Transitions
N * TPERIOD + TxJR2
Consecutive
Transitions
N * TPERIOD + TxJR1
FIGURE 12 - DIFFERENTIAL DATA JITTER
TPERIOD
Differential
Data Lines
Crossover
Point
Crossover
Point Extended
Source EOP Width:
TEOPT
Receiver EOP Width: TEOPR1, TEOPR2
Diff. Data to
SE0 Skew
N * TPERIOD + TDEOP
FIGURE 13 - DIFFERENTIAL TO EOP TRANSITION SKEW AND EOP WIDTH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com