Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB97C102 Datasheet(PDF) 65 Page - SMSC Corporation

Part # USB97C102
Description  Multi-Endpoint USB Peripheral Controller with Integrated 5 Port HUB
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB97C102 Datasheet(HTML) 65 Page - SMSC Corporation

Back Button USB97C102 Datasheet HTML 61Page - SMSC Corporation USB97C102 Datasheet HTML 62Page - SMSC Corporation USB97C102 Datasheet HTML 63Page - SMSC Corporation USB97C102 Datasheet HTML 64Page - SMSC Corporation USB97C102 Datasheet HTML 65Page - SMSC Corporation USB97C102 Datasheet HTML 66Page - SMSC Corporation USB97C102 Datasheet HTML 67Page - SMSC Corporation USB97C102 Datasheet HTML 68Page - SMSC Corporation USB97C102 Datasheet HTML 69Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 80 page
background image
SMSC DS – USB97C102
Page 65
Rev. 03/23/2000
!" Interrupt endpoint for status change reporting
!" Port Power control
!" Frame Timer logic
!" Fault Recovery
!" Selective Suspend and Resume on a port by port basis
!" Selective Reset on a port by port basis
!" The ability to decode the preamble PID and allowing Low Speed port enabling.
!" Full-speed/Low-speed USB transceivers implemented internally; One placed on the upstream port and four
placed on the downstream ports
!" Reflecting Remote Resume to Upstream and enabled down stream USB ports
HUB Block Register Summary
The Register definitions defined below are defined in Table 117 and. These registers are memory mapped into the
8051 MCU memory space defined in Figure 4.
Table 117 - HUB Block Register Summary
ADDRESS
NAME
R/W
DESCRIPTION
PAGE
7FA0
IdVendor-
Low Byte
R/W
Low byte Vendor ID in little endian format (Bit 0
is the LSB)
7FA1
IdVendor-
High Byte
R/W
High byte Vendor ID in little endian format (Bit
0 is the LSB)
7FA2
IdProduct-
Low Byte
R/W
Low byte Product ID value in little endian
format (Bit 0 is the LSB). This value is
initialized by firmware upon initialization/power
up. This value must be initialized prior to the
Hub device participating in and USB
enumeration transactions.
7FA3
IdProduct-
High Byte
R/W
High byte Product ID value in little endian
format (Bit 0 is the LSB). This value is
initialized by firmware upon initialization/power
up. This value must be initialized prior to the
Hub device participating in and USB
enumeration transactions.
7FA4
BcdDevice -
Low Byte
R/W
This 8-bit value defines the USB device release
number, which is assigned by the system
manufacture.
7FA5
BcdDevice -
High Byte
R/W
This 8-bit value defines the USB device release
number, which is assigned by the system
manufacture.
7FA6
HubControl1
R/W
Hub Control register 1
65
7FA7
Reserved
R
Reserved – This register should never be
accessed
Table 118 – Hub Control Register1
HubControl1
(0x7FA6- RESET=0x00)
HUB CONTROL REGISTER1
BIT
NAME
R/W
DESCRIPTION
7
NhubReset
R/W
NHubReset – When this bit is asserted (0), the hub controller is in a reset
state. The hub will not respond to any enumeration or device requests.
When this bit is de-asserted (1), the hub controller is ready to receive
packets from the Root Host Controller. Each Port will then be enabled via
a control packet from the Host
6
Reserved
R/W
Reserved – This bit should always be cleared (0)
5
HubBypass5
R/W
When this bit is set(1), Ports 1 and 5 are no longer connected to the hub.
Port 1 (which is connected to the rest of the 97C102) is connected to port
5. Port 5 becomes the upstream of Port 1. See figure on next page. See
Note1.
4
HubBypass4
R/W
When this bit is set(1), Ports 1 and 4 are no longer connected to the hub.
Port 1 (which is connected to the rest of the 97C102) is connected to port
4. Port 4 becomes the upstream of Port 1. See figure on next page. See
Note1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com