Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB97C102 Datasheet(PDF) 32 Page - SMSC Corporation

Part # USB97C102
Description  Multi-Endpoint USB Peripheral Controller with Integrated 5 Port HUB
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB97C102 Datasheet(HTML) 32 Page - SMSC Corporation

Back Button USB97C102 Datasheet HTML 28Page - SMSC Corporation USB97C102 Datasheet HTML 29Page - SMSC Corporation USB97C102 Datasheet HTML 30Page - SMSC Corporation USB97C102 Datasheet HTML 31Page - SMSC Corporation USB97C102 Datasheet HTML 32Page - SMSC Corporation USB97C102 Datasheet HTML 33Page - SMSC Corporation USB97C102 Datasheet HTML 34Page - SMSC Corporation USB97C102 Datasheet HTML 35Page - SMSC Corporation USB97C102 Datasheet HTML 36Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 80 page
background image
SMSC DS – USB97C102
Page 32
Rev. 03/23/2000
8237 MEMORY ADDRESS
DESCRIPTION
0xD800-0xDBFF
1k Window to Packet with PNR=0x16
0xD400-0xD7FF
1k Window to Packet with PNR=0x15
0xD000-0xD3FF
1k Window to Packet with PNR=0x14
0xCC00-0xCFFF
1k Window to Packet with PNR=0x13
0xC800-0xCBFF
1k Window to Packet with PNR=0x12
0xC400-0xC7FF
1k Window to Packet with PNR=0x11
0xC000-0xC3FF
1k Window to Packet with PNR=0x10
0xBC00-0xBFFF
1k Window to Packet with PNR=0x0F
0xB800-0xBBFF
1k Window to Packet with PNR=0x0E
0xB400-0xB7FF
1k Window to Packet with PNR=0x0D
0xB000-0xB3FF
1k Window to Packet with PNR=0x0C
0xAC00-0xAFFF
1k Window to Packet with PNR=0x0B
0xA800-0xABFF
1k Window to Packet with PNR=0x0A
0xA400-0xA7FF
1k Window to Packet with PNR=0x09
0xA000-0xA3FF
1k Window to Packet with PNR=0x08
0x9C00-0x9FFF
1k Window to Packet with PNR=0x07
0x9800-0x9BFF
1k Window to Packet with PNR=0x06
0x9400-0x97FF
1k Window to Packet with PNR=0x05
0x9000-0x93FF
1k Window to Packet with PNR=0x04
0x8C00-0x8FFF
1k Window to Packet with PNR=0x03
0x8800-0x8BFF
1k Window to Packet with PNR=0x02
0x8400-0x87FF
1k Window to Packet with PNR=0x01
0x8000-0x83FF
1k Window to Packet with PNR=0x00
0x0000-0x7FFF
32K Window to External ISA RAM
The actual packet may be composed of up to 10 different 128 byte non-contiguous packets, but the MMU re-maps
the internal addresses automatically such that the 8237 and 8051 only need to reference the packet number and
offset within the packet. For example, suppose a 312 (0x138) byte packet is received by the SIEDMA from the host.
The patented MMU allocates 384 bytes for the packet (including an 8 byte status header) and returns a PNR tag of
0x0A. The SIEDMA engine will place 0x0A in the receive packet queue and notify the 8051. The 8051 will take that
PNR, examine the packet through its own PNR/Pointer registers, and determine the offset for the payload data it
wants to transfer from the packet, say 0x027. The address it must calculate for the 8237 base address register would
therefore be 0xA827 (0xA800+0x027). Each channel can be programmed with a different (or same) Packet Number
and offset and the data will appear to it as ordinary contiguous RAM (see table 32 for more information).
Software written to this model will work for virtually any Endpoint number and Buffer size combination.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com