Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB97C102 Datasheet(PDF) 56 Page - SMSC Corporation

Part # USB97C102
Description  Multi-Endpoint USB Peripheral Controller with Integrated 5 Port HUB
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB97C102 Datasheet(HTML) 56 Page - SMSC Corporation

Back Button USB97C102 Datasheet HTML 52Page - SMSC Corporation USB97C102 Datasheet HTML 53Page - SMSC Corporation USB97C102 Datasheet HTML 54Page - SMSC Corporation USB97C102 Datasheet HTML 55Page - SMSC Corporation USB97C102 Datasheet HTML 56Page - SMSC Corporation USB97C102 Datasheet HTML 57Page - SMSC Corporation USB97C102 Datasheet HTML 58Page - SMSC Corporation USB97C102 Datasheet HTML 59Page - SMSC Corporation USB97C102 Datasheet HTML 60Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 80 page
background image
SMSC DS – USB97C102
Page 56
Rev. 03/23/2000
ALTERNATE ADDRESS ENDPOINT MAPPING
This section will describe Endpoint Mapping relative to the Alternate Address registers defined above. Table 102 -
Mapping of External Endpoint Numbers to Internal Endpoint Numbers, on page 56 below, describes the Endpoint
mapping relative to the SIE address embedded in the USB packet. This table describes the mapping of a USB Packet
which is transmitted (USB IN Packet) or received (USB OUT packet) on the USB Bus and is destined for a particular
USB97C102 address. Remember, that the USB97C102 has 4 possible address filters.
The translation is the conversion of the Endpoint Number. The Endpoint Number for OUT packets destined for a
particular address, the Endpoint Number is translated accordingly as defined in Table 102.
Example #1, an OUT packet:
!" If a packet on the USB wire, which contains an address destined for the USB97C102 with a value that matches
Alternate Address #2 (ALT_ADDR2 Register- 0x7F9E) and its endpoint number = 0 and is received, then the
packet header in the MMU contains the Alternate Address #2 address value and an Endpoint Number = 8. The
External Endpoint Number “0” is converted to internal endpoint number “8” for packets directed to alternate
address #2.
Example #2, a IN packet:
!" When the SMSC 97C102 MCU (8051) is building a packet to send to the host, the packet is enqueued onto one
of the 16 Transmit FIFO’s which maps to each Endpoint. In other words, each Endpoint has its own transmit
FIFO. When an IN token is received from the host, that is addressed to alternate address #2 and endpoint 0,
then the SIE pops a packet off of the Tx FIFO for endpoint 8.
As can be seen, endpoint translation is performed for outgoing as well as incoming packets as described in Table
102. Please refer to the SMSC USB97C102 Programmers Reference Guide for additional details.
Multiple Endpoint Mapping
When the SMSC USB97C102 Firmware Developer uses the Alternate Address registers to implement specific device
implementations, internal Endpoints are mapped multiple times relative to the External Endpoint.
Example:
If a packet is received, that is addressed to alternate address #3, then external endpoint numbers 1, 5, 9 and 13 are
all converted to internal endpoint number 13.
Table 102 - Mapping of External Endpoint Numbers to Internal Endpoint Numbers
EXTERNAL EP
(ON THE USB
WIRE)
INTERNAL EP (IN PACKET HEADER)
SIE Addr
Alt Addr 1
Alt Addr 2
Alt Addr 3
EP 0
EP 0
EP 4
EP 8
EP 12
EP 1
EP 1
EP 5
EP 9
EP 13
EP 2
EP 2
EP 6
EP 10
EP 14
EP 3
EP 3
EP 7
EP 11
EP 15
EP 4
EP 4
EP 4
EP 8
EP 12
EP 5
EP 5
EP 5
EP 9
EP 13
EP 6
EP 6
EP 6
EP 10
EP 14
EP 7
EP 7
EP 7
EP 11
EP 15
EP 8
EP 8
EP 4
EP 8
EP 12
EP 9
EP 9
EP 5
EP 9
EP 13
EP 10
EP 10
EP 6
EP 10
EP 14
EP 11
EP 11
EP 7
EP 11
EP 15
EP 12
EP 12
EP 4
EP 8
EP 12
EP 13
EP 13
EP 5
EP 9
EP 13
EP 14
EP 14
EP 6
EP 10
EP 14
EP 15
EP 15
EP 7
EP 11
EP 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com