Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLRC663 Datasheet(PDF) 20 Page - NXP Semiconductors

Part # CLRC663
Description  High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC663 Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button CLRC663 Datasheet HTML 16Page - NXP Semiconductors CLRC663 Datasheet HTML 17Page - NXP Semiconductors CLRC663 Datasheet HTML 18Page - NXP Semiconductors CLRC663 Datasheet HTML 19Page - NXP Semiconductors CLRC663 Datasheet HTML 20Page - NXP Semiconductors CLRC663 Datasheet HTML 21Page - NXP Semiconductors CLRC663 Datasheet HTML 22Page - NXP Semiconductors CLRC663 Datasheet HTML 23Page - NXP Semiconductors CLRC663 Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 177 page
background image
NXP Semiconductors
CLRC663
High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
8.3.7 ISO/IEC 18092 mode
The CLRC663 supports Passive Initiator Communication mode at the transfer speeds 106 kbit/s, 212 kbit/s and
424 kbit/s as defined in the ISO/IEC 18092 standard.
• Passive communication mode means that the target answers to an initiator command in a load modulation
scheme. The initiator is active in terms of generating the RF field.
• Initiator: generates RF field at 13.56 MHz and starts the ISO/IEC 18092 communication.
• Target: responds to initiator command either in a load modulation scheme in Passive communication mode or
using a self-generated and self-modulated RF field for Active Communication mode.
8.3.7.1 Passive communication mode
Passive communication mode means that the target answers to an initiator command in a load modulation
scheme. The initiator is active meaning generating the RF field.
host
NFC INITIATOR
powered to
generate RF field
1. initiator starts communication
at selected transfer speed
2. targets answers using
load modulated data
at the same transfer speed
host
NFC TARGET
powered for
digital processing
001aan217
Figure 11. Passive communication mode
Communication direction
106 kbit/s
212 kbit/s
424 kbit/s
Initiator → target
According to ISO/IEC 14443A
100 % ASK, Modified Miller Coded
According to FeliCa, 8 % to 30 % ASK Manchester
Coded
Target → initiator
According to ISO/IEC 14443A
subcarrier load modulation,
Manchester Coded
According to FeliCa, > 12 % ASK Manchester
Coded
Table 14. Communication overview for Passive communication mode
The contactless UART of CLRC663 and a dedicated host controller are required to handle the ISO/IEC 18092
passive initiator protocol.
8.3.7.2 ISO/IEC 18092 framing and coding
The ISO/IEC 18092 framing and coding in Passive communication mode is defined in the ISO/IEC 18092
standard.
Transfer speed
Framing and Coding
106 kbit/s
According to the ISO/IEC 14443 type A and MIFARE scheme
212 kbit/s
According to the FeliCa scheme
Table 15. Framing and coding overview
CLRC663
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 5.3 — 3 January 2024
20 / 177



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com