Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLRC663 Datasheet(PDF) 77 Page - NXP Semiconductors

Part # CLRC663
Description  High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC663 Datasheet(HTML) 77 Page - NXP Semiconductors

Back Button CLRC663 Datasheet HTML 73Page - NXP Semiconductors CLRC663 Datasheet HTML 74Page - NXP Semiconductors CLRC663 Datasheet HTML 75Page - NXP Semiconductors CLRC663 Datasheet HTML 76Page - NXP Semiconductors CLRC663 Datasheet HTML 77Page - NXP Semiconductors CLRC663 Datasheet HTML 78Page - NXP Semiconductors CLRC663 Datasheet HTML 79Page - NXP Semiconductors CLRC663 Datasheet HTML 80Page - NXP Semiconductors CLRC663 Datasheet HTML 81Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 177 page
background image
NXP Semiconductors
CLRC663
High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
Bit
Symbol
Description
7 to 0
T1Counter
ValLo
Low byte of the current value of the counter 1.
This value shall not be read out during reception.
Table 100. T1CounterValLo bits
9.7.2.10 T2Control
Control register of the Timer2.
Bit
7
6
5
4
3
2
1
0
Symbol
T2StopRx
-
T2Start
T2AutoRestart
-
T2Clk
Access
rights
r/w
RFU
r/w
r/w
RFU
r/w
Table 101. T2Control register (address 19h)
Bit
Symbol
Description
7
T2StopRx
If set the timer stops immediately after receiving the first 4 bits. If cleared indicates, that
the timer is not stopped automatically.
Note: If LFO Trimming is selected by T2Start, this bit has no effect.
6
-
RFU
5 to 4
T2Start
00 b: The timer is not started automatically.
01 b: The timer starts automatically at the end of the transmission.
10 b: Timer is used for LFO trimming without underflow (Start/Stop on PosEdge).
11 b: Timer is used for LFO trimming with underflow (Start/Stop on PosEdge).
3
T2AutoRestart
Set to logic 1, the timer automatically restarts its countdown from T2ReloadValue, after
the counter value has reached the value zero. Set to logic 0 the timer decrements to
zero and stops. The bit Timer2IRQ is set to logic 1 when the timer underflows
2
-
RFU
1 to 0
T2Clk
00 b: The timer input clock is 13.56 MHz.
01 b: The timer input clock is 212 kHz.
10 b: The timer input clock is an underflow of Timer0
11b: The timer input clock is an underflow of Timer1
Table 102. T2Control bits
9.7.2.11 T2ReloadHi
High byte of the reload value of Timer2.
Bit
7
6
5
4
3
2
1
0
Symbol
T2ReloadHi
Access
rights
r/w
Table 103. T2ReloadHi register (address 1Ah)
CLRC663
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 5.3 — 3 January 2024
77 / 177



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com