Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLRC663 Datasheet(PDF) 47 Page - NXP Semiconductors

Part # CLRC663
Description  High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC663 Datasheet(HTML) 47 Page - NXP Semiconductors

Back Button CLRC663 Datasheet HTML 43Page - NXP Semiconductors CLRC663 Datasheet HTML 44Page - NXP Semiconductors CLRC663 Datasheet HTML 45Page - NXP Semiconductors CLRC663 Datasheet HTML 46Page - NXP Semiconductors CLRC663 Datasheet HTML 47Page - NXP Semiconductors CLRC663 Datasheet HTML 48Page - NXP Semiconductors CLRC663 Datasheet HTML 49Page - NXP Semiconductors CLRC663 Datasheet HTML 50Page - NXP Semiconductors CLRC663 Datasheet HTML 51Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 177 page
background image
NXP Semiconductors
CLRC663
High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
Address 01h
Product ID
MFRC631
C0h
MFRC630
80h
SLRC610
20h
Table 37. Product ID overview of CLRC663 family...continued
Version: This register indicates the version of the EEPROM initialization data during production.
Unique IDentifier: Unique serial number code for this device
Manufacturer Data: This data is programmed during production. The content is not intended to be used by any
application and might not be constant for different devices. Therefore the content needs to be considered to be
undefined.
Address
(Hex.)
0
1
2
3
4
5
6
7
20
I2C_Address
Interface I2C SAM_Address DefaultProtRx DefaultProtTx
-
TxCRCPreset
28
RxCRCPreset
-
-
-
-
-
-
30
-
38
-
Table 38. Configuration area (Page 0)
I2C-Address
Two possibilities exist to define the address of the I2C interface. This can be done either by configuring the pins
IF0, IF2 (address is then 10101xx, xx is defined by the interface pins IF0, IF2) or by writing value into the I2C
address area. The selection, which of this 2-information pin configuration or EEPROM content - is used as I2C-
address is done at EEPROM address 21h (Interface, bit4)
Interface
This section describes the interface byte configuration.
Bit
7
6
5
4
3
2
1
0
I2C_HSP
-
-
I2C_Address
Boundary Scan
Host
access rights
r/w
RFU
RFU
r/w
r/w
-
-
-
Table 39. Interface byte
Bit
Symbol
Description
7
I2C_HSP
when cleared, the high-speed mode is used
when set, the high speed+ mode is used (default)
6, 5
RFU
-
4
I2C_Address
when cleared, the pins are used (default)
when set, the EEPROM is used
3
Boundary Scan
when set, the boundary scan interface is ON (default)
when cleared, the boundary scan is OFF
Table 40. Interface bits
CLRC663
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 5.3 — 3 January 2024
47 / 177



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com