Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLRC663 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # CLRC663
Description  High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC663 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button CLRC663 Datasheet HTML 2Page - NXP Semiconductors CLRC663 Datasheet HTML 3Page - NXP Semiconductors CLRC663 Datasheet HTML 4Page - NXP Semiconductors CLRC663 Datasheet HTML 5Page - NXP Semiconductors CLRC663 Datasheet HTML 6Page - NXP Semiconductors CLRC663 Datasheet HTML 7Page - NXP Semiconductors CLRC663 Datasheet HTML 8Page - NXP Semiconductors CLRC663 Datasheet HTML 9Page - NXP Semiconductors CLRC663 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 177 page
background image
NXP Semiconductors
CLRC663
High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
5 Ordering information
Type number
Package
Name
Description
Version
CLRC66301HN,551 [1]
plastic thermal enhanced very thin quad flat package;
no leads; 32 terminals + 1 central ground;
body 5 × 5 × 0.85 mm, MSL2
CLRC66301HN, 557[2]
plastic thermal enhanced very thin quad flat package;
no leads; 32 terminals + 1 central ground;
body 5 × 5 × 0.85 mm, MSL2
CLRC66302HN,157[2]
plastic thermal enhanced very thin quad flat package;
no leads; 32 terminals + 1 central ground;
body 5 × 5 × 0.85 mm, MSL1
CLRC66302HN,151[1]
Plastic thermal enhanced very thin quad flat package;
no leads; 32 terminals + 1 central ground;
body 5 × 5 × 0.85 mm, MSL1
CLRC66302HN,118[3]
plastic thermal enhanced very thin quad flat package;
no leads; 32 terminals + 1 central ground;
body 5 × 5 × 0.85 mm, MSL1,
CLRC66303HNE[1]
plastic thermal enhanced very thin quad flat package;
no leads; 32 terminals + 1 central ground;
body 5 × 5 × 0.85 mm, MSL2, wettable flanks
CLRC66303HNY[3]
plastic thermal enhanced very thin quad flat package;
no leads; 32 terminals + 1 central ground;
body 5 × 5 × 0.85 mm, MSL2, wettable flanks
SOT617-1
CLRC66303HNK[2]
HVQFN32
plastic thermal enhanced very thin quad flat package;
no leads; 32 terminals + 1 central ground;
body 5 × 5 × 0.85 mm, MSL2, wettable flanks
CLRC66303A0EV[4]
VFBGA36
very thin fine-pitch ball grid array package; 36 terminals,
0.5 mm pitch, 3.5 mm x 3.5 mm x 0.8 mm body, MSL3
SOT1985-1
Table 3. Ordering information
[1]
Delivered in one tray, minimum order quantity (MOQ): 490 pcs
[2]
Delivered in five trays; MOQ: 5 x 490 pcs
[3]
Delivered on reel with 6000 pieces; MOQ: 6000 pcs
[4]
Delivered on reel with 5000 pieces; MOQ: 5000 pcs
CLRC663
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 5.3 — 3 January 2024
6 / 177



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com