Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLRC663 Datasheet(PDF) 53 Page - NXP Semiconductors

Part # CLRC663
Description  High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC663 Datasheet(HTML) 53 Page - NXP Semiconductors

Back Button CLRC663 Datasheet HTML 49Page - NXP Semiconductors CLRC663 Datasheet HTML 50Page - NXP Semiconductors CLRC663 Datasheet HTML 51Page - NXP Semiconductors CLRC663 Datasheet HTML 52Page - NXP Semiconductors CLRC663 Datasheet HTML 53Page - NXP Semiconductors CLRC663 Datasheet HTML 54Page - NXP Semiconductors CLRC663 Datasheet HTML 55Page - NXP Semiconductors CLRC663 Datasheet HTML 56Page - NXP Semiconductors CLRC663 Datasheet HTML 57Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 177 page
background image
NXP Semiconductors
CLRC663
High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
After the command LPCD the standby of the CLRC663 is activated, if selected. The wake-up Timer4
can activate the system after a given time. For the LPCD, it is recommended to set T4AutoWakeUp and
T4AutoRestart, to start the timer and then go to standby. If a card is detected, the communication can be
started. If T4AutoWakeUp is not set, the IC will not enter Standby mode in case no card is detected.
8.9.4 Reset and start-up time
A 10 μs constant high level at the PDOWN pin starts the internal reset procedure.
The following figure shows the internal voltage regulator:
001aan360
PVDD
PDown
VSS
GLITCH
FILTER
INTERNAL VOLTAGE
REGULATOR
VDD
VSS
1.8 V
1.8 V
AVDD
DVDD
Figure 33. Internal PDown to voltage regulator logic
When the CLRC663 has finished, the reset phase and the oscillator has entered a stable working condition the
IC is ready to be used.
8.10 Command set
8.10.1 General
The behavior is determined by a state machine capable to perform a certain set of commands. By writing a
command-code to the command register, the command is executed.
Arguments and/or data necessary to process a command, are exchanged via the FIFO buffer.
• Each command that needs a certain number of arguments will start processing only when it has received the
correct number of arguments via the FIFO buffer.
• The FIFO buffer is not cleared automatically at command start. It is recommended to write the command
arguments and/or the data bytes into the FIFO buffer and start the command afterwards.
• Each command may be stopped by the host by writing a new command code into the command register e.g.:
the Idle-Command.
8.10.2 Command set overview
Command
No.
Parameter (bytes)
Short description
Idle
00h
-
no action, cancels current command execution
LPCD
01h
-
low-power card detection
LoadKey
02h
(keybyte1),(keybyte2), (keybyte3),
(keybyte4), (keybyte5),(keybyte6);
reads a MIFARE Classic key (size of 6 bytes) from
FIFO buffer ant puts it into Key buffer
MFAuthent
03h
60h or 61h, (block address), (card
serial number byte0),(card serial
number byte1), (card serial number
byte2),(card serial number byte3);
performs the MIFARE Classic authentication
Table 46. Command set
CLRC663
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 5.3 — 3 January 2024
53 / 177



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com