Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLRC663 Datasheet(PDF) 97 Page - NXP Semiconductors

Part # CLRC663
Description  High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC663 Datasheet(HTML) 97 Page - NXP Semiconductors

Back Button CLRC663 Datasheet HTML 93Page - NXP Semiconductors CLRC663 Datasheet HTML 94Page - NXP Semiconductors CLRC663 Datasheet HTML 95Page - NXP Semiconductors CLRC663 Datasheet HTML 96Page - NXP Semiconductors CLRC663 Datasheet HTML 97Page - NXP Semiconductors CLRC663 Datasheet HTML 98Page - NXP Semiconductors CLRC663 Datasheet HTML 99Page - NXP Semiconductors CLRC663 Datasheet HTML 100Page - NXP Semiconductors CLRC663 Datasheet HTML 101Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 177 page
background image
NXP Semiconductors
CLRC663
High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
9.14 Low-power card detection configuration registers
The LPCD registers contain the settings for the low-power card detection. The setting for LPCD_IMax (6 bits) is
done by the two highest bits (bit 7, bit 6) of the registers LPCD_QMin, LPCD_QMax and LPCD_IMin each.
9.14.1 LPCD_QMin
Bit
7
6
5
4
3
2
1
0
Symbol
LPCD_IMax.5
LPCD_IMax.4
LPCD_QMin
Access
rights
r/w
r/w
r/w
Table 181. LPCD_QMin register (address 3Fh)
Bit
Symbol
Description
7, 6
LPCD_IMax
Defines the highest two bits of the higher border for the LPCD. If the measurement
value of the I channel is higher than LPCD_IMax, an LPCD interrupt request is indicated
by bit IRQ0.LPCDIRQ.
5 to 0
LPCD_QMin
Defines the lower border for the LPCD. If the measurement value of the Q channel is
higher than LPCD_QMin, an LPCDinterrupt request is indicated by bit IRQ0.LPCDIRQ.
Table 182. LPCD_QMin bits
9.14.2 LPCD_QMax
Bit
7
6
5
4
3
2
1
0
Symbol
LPCD_IMax.3
LPCD_IMax.2
LPCD_QMax
Access
rights
r/w
r/w
r/w
Table 183. LPCD_QMax register (address 40h)
Bit
Symbol
Description
7
LPCD_IMax.3
Defines the bit 3 of the high border for the LPCD. If the measurement value of the I
channel is higher than LPCD IMax, an LPCD IRQ is raised.
6
LPCD_IMax.2
Defines the bit 2 of the high border for the LPCD. If the measurement value of the I
channel is higher than LPCD IMax, an LPCD IRQ is raised.
5 to 0
LPCD_QMax
Defines the high border for the LPCD. If the measurement value of the Q channel is
higher than LPCD QMax, an LPCD IRQ is raised.
Table 184. LPCD_QMax bits
9.14.3 LPCD_IMin
Bit
7
6
5
4
3
2
1
0
Symbol
LPCD_IMax.1
LPCD_IMax.0 LPCD_IMin
Access
rights
r/w
r/w
r/w
Table 185. LPCD_IMin register (address 41h)
CLRC663
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 5.3 — 3 January 2024
97 / 177



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com