Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLRC663 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # CLRC663
Description  High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC663 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button CLRC663 Datasheet HTML 7Page - NXP Semiconductors CLRC663 Datasheet HTML 8Page - NXP Semiconductors CLRC663 Datasheet HTML 9Page - NXP Semiconductors CLRC663 Datasheet HTML 10Page - NXP Semiconductors CLRC663 Datasheet HTML 11Page - NXP Semiconductors CLRC663 Datasheet HTML 12Page - NXP Semiconductors CLRC663 Datasheet HTML 13Page - NXP Semiconductors CLRC663 Datasheet HTML 14Page - NXP Semiconductors CLRC663 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 177 page
background image
NXP Semiconductors
CLRC663
High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
8 Functional description
001aam005
I2C,
LOGICAL
FIFO
512 Bytes
REGISTERS
STATEMACHINES
EEPROM
8 kByte
SPI
SAM interface
VOLTAGE
REGULATOR
3/5 V =>
1.8 V
DVDD
POR
ADC
PLL
LFO
RX
OSC
TX
VOLTAGE
REGULATOR
3/5 V =>
1.8 V
AVDD
RNG
ANALOGUE FRONT-END
BOUNDARY
SCAN
IF0
IFSEL0
IFSEL1
IF1
IF2
IF3
TCK
TDI
TMS
TDO
RESET
LOGIC
PDOWN
I2C
UART
SPI
host interfaces
INTERRUPT
CONTROLLER
IRQ
SIGIN
TIMER0..3
CRC
TIMER4
(WAKE-UP
TIMER)
SIGPRO
TX
CODEC
RX
DECOD
CL-
COPRO
SIGIN/
SIGOUT
CONTROL
SIGOUT
VMID RXN
RXP
TX1
TX2
XTAL1
XTAL2
SDA
SCL
VDD
VSS
PVDD
TVDD
TVSS
AUX1
AUX2
AVDD
DVDD
CLKOUT
Figure 3. Detailed block diagram of the CLRC663
8.1 Interrupt controller
The interrupt controller handles the enabling/disabling of interrupt requests. All of the interrupts can be
configured by firmware. Additionally, the firmware has possibilities to trigger interrupts or clear pending interrupt
requests. Two 8-bit interrupt registers IRQ0 and IRQ1 are implemented, accompanied by two 8-bit interrupt
enable registers IRQ0En and IRQ1En. A dedicated functionality of bit 7 to set and clear bits 0 to 6 in this
interrupt controller register is implemented.
The CLRC663 indicates certain events by setting bit IRQ in the register Status1Reg and additionally, if
activated, by pin IRQ. The signal on pin IRQ may be used to interrupt the host using its interrupt handling
capabilities. This allows the implementation of efficient host software.
Table 4. shows the available interrupt bits, the corresponding source and the condition for its activation. The
interrupt bits Timer0IRQ, Timer1IRQ, Timer2IRQ, Timer3OIRQ, in register IRQ1 indicate an interrupt set by the
timer unit. The setting is done if the timer underflows.
The TxIRQ bit in register IRQ0 indicates that the transmission is finished. If the state changes from sending data
to transmitting the end of the frame pattern, the transmitter unit sets the interrupt bit automatically.
The bit RxIRQ in register IRQ0 indicates an interrupt when the end of the received data is detected.
CLRC663
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 5.3 — 3 January 2024
11 / 177



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com