Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLRC663 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # CLRC663
Description  High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC663 Datasheet(HTML) 5 Page - NXP Semiconductors

  CLRC663 Datasheet HTML 1Page - NXP Semiconductors CLRC663 Datasheet HTML 2Page - NXP Semiconductors CLRC663 Datasheet HTML 3Page - NXP Semiconductors CLRC663 Datasheet HTML 4Page - NXP Semiconductors CLRC663 Datasheet HTML 5Page - NXP Semiconductors CLRC663 Datasheet HTML 6Page - NXP Semiconductors CLRC663 Datasheet HTML 7Page - NXP Semiconductors CLRC663 Datasheet HTML 8Page - NXP Semiconductors CLRC663 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 177 page
background image
NXP Semiconductors
CLRC663
High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
4 Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDD
supply voltage
3.0
5.0
5.5
V
VDD(PVDD)
PVDD supply voltage
[1] 3.0
5.0
VDD
V
VDD(TVDD)
TVDD supply voltage
3.0
5.0
5.5
V
Ipd
power-down current
PDOWN pin pulled HIGH
[2] -
8
40
nA
IDD
supply current
-
17
20
mA
IDD(TVDD)
TVDD supply current
-
100
250
mA
Tamb
operating ambient temperature
-25
+25
+85
°C
Tstg
storage temperature
no supply voltage applied
-55
+25
+125
°C
Table 1. Quick reference data CLRC66301 and CLRC66302
[1]
VDD(PVDD) must always be the same or lower voltage than VDD.
[2]
Ipd is the sum of all supply currents
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDD
supply voltage
2.5
5.0
5.5
V
VDD(PVDD)
PVDD supply voltage
[1] 2.5
5.0
VDD
V
VDD(TVDD)
TVDD supply voltage
2.5
5.0
5.5
V
Ipd
power-down current
PDOWN pin pulled HIGH
[2] -
8
40
nA
IDD
supply current
-
17
20
mA
recommended operation
-
180
350
mA
IDD(TVDD)
TVDD supply current
absolute limiting value
-
-
500
mA
Tamb
operating ambient temperature device mounted on PCB which
allows sufficient heat dissipation for
the actual power dissipation of the
device
-40
+25
+105
°C
Tstg
storage temperature
no supply voltage applied
-55
+25
+125
°C
Table 2. Quick reference data CLRC66303
[1]
VDD(PVDD) must always be the same or lower voltage than VDD.
[2]
Ipd is the sum of all supply currents
CLRC663
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 5.3 — 3 January 2024
5 / 177



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com