Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLRC663 Datasheet(PDF) 76 Page - NXP Semiconductors

Part # CLRC663
Description  High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC663 Datasheet(HTML) 76 Page - NXP Semiconductors

Back Button CLRC663 Datasheet HTML 72Page - NXP Semiconductors CLRC663 Datasheet HTML 73Page - NXP Semiconductors CLRC663 Datasheet HTML 74Page - NXP Semiconductors CLRC663 Datasheet HTML 75Page - NXP Semiconductors CLRC663 Datasheet HTML 76Page - NXP Semiconductors CLRC663 Datasheet HTML 77Page - NXP Semiconductors CLRC663 Datasheet HTML 78Page - NXP Semiconductors CLRC663 Datasheet HTML 79Page - NXP Semiconductors CLRC663 Datasheet HTML 80Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 177 page
background image
NXP Semiconductors
CLRC663
High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
Bit
Symbol
Description
7 to 0
T1ReloadHi
Defines the high byte reload value of the Timer 1. With the start event, the timer loads
the value of the T1ReloadValHi and T1ReloadValLo. Changing this register affects the
Timer only at the next start event.
Table 94. T1ReloadHi bits
9.7.2.7 T1ReloadLo
Low byte (LSB) reload value of the Timer1.
Bit
7
6
5
4
3
2
1
0
Symbol
T1ReloadLo
Access
rights
r/w
Table 95. T1ReloadLo register (address 16h)
Bit
Symbol
Description
7 to 0
T1ReloadLo
Defines the low byte of the reload value of the Timer1. Changing this register affects the
timer only at the next start event.
Table 96. T1ReloadLo bits
9.7.2.8 T1CounterValHi
High byte (MSB) of the counter value of byte Timer1.
Bit
7
6
5
4
3
2
1
0
Symbol
T1CounterValHi
Access
rights
dy
Table 97. T1CounterValHi register (address 17h)
Bit
Symbol
Description
7 to 0
T1Counter
ValHi
High byte of the current value of the Timer1.
This value shall not be read out during reception.
Table 98. T1CounterValHi bits
9.7.2.9 T1CounterValLo
Low byte (LSB) of the counter value of byte Timer1.
Bit
7
6
5
4
3
2
1
0
Symbol
T1CounterValLo
Access
rights
dy
Table 99. T1CounterValLo register (address 18h)
CLRC663
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 5.3 — 3 January 2024
76 / 177



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com