Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLRC663 Datasheet(PDF) 48 Page - NXP Semiconductors

Part # CLRC663
Description  High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC663 Datasheet(HTML) 48 Page - NXP Semiconductors

Back Button CLRC663 Datasheet HTML 44Page - NXP Semiconductors CLRC663 Datasheet HTML 45Page - NXP Semiconductors CLRC663 Datasheet HTML 46Page - NXP Semiconductors CLRC663 Datasheet HTML 47Page - NXP Semiconductors CLRC663 Datasheet HTML 48Page - NXP Semiconductors CLRC663 Datasheet HTML 49Page - NXP Semiconductors CLRC663 Datasheet HTML 50Page - NXP Semiconductors CLRC663 Datasheet HTML 51Page - NXP Semiconductors CLRC663 Datasheet HTML 52Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 177 page
background image
NXP Semiconductors
CLRC663
High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
Bit
Symbol
Description
2 to 0
Host
000b - RS232
001b - I2C
010b - SPI
011b - I2CL
1xxb - pin selection
Table 40. Interface bits...continued
I2C_SAM_Address
The I2C SAM Address is always defined by the EEPROM content.
The Register Set Protocol (RSP) Area contains settings for the TX registers (16 bytes) and for the RX registers
(8 bytes).
Section
Section 4 TX
Tx0
Tx1
TX2
Tx3
Section 4 TX
Tx4
Tx5
TX6
TX7
Section 4 Rx
RX0
RX1
RX2
RX3
RX4
RX5
RX6
RX7
Section 4 Rx
RX8
RX9
RX10
RX11
RX12
RX13
RX14
RX15
Table 41. Tx and Rx arrangements in the register set protocol area
TxCrcPreset
The data bits are sent by the analog module and are automatically extended by a CRC.
8.7.3 EEPROM initialization content LoadProtocol
The CLRC663 EEPROM is initialized at production with values which are used to reset certain registers of the
CLRC663 to default settings by copying the EEPROM content to the registers. Only registers or bits with "read/
write" or "dynamic" access rights are initialized with this default values copied from the EEPROM.
Note that the addresses used for copying reset values from EEPROM to registers are dependent on the
configured protocol and can be changed by the user.
Address 0 (8)
1 (9)
2 (A)
3 (B)
4 (C)
5 (D)
6 (E)
7 (F)
Function Product ID
Version
Unique Identifier
00
XX
see table 34 XX
XX
XX
XX
XX
XX
Function Unique Identifier
Factory trim
value
08
XX
XX
XX
XX
XX
XX
XX
XX
Function TrimLFO
Factory trim values
10
XX
XX
XX
XX
XX
XX
XX
XX
Function Factory trim values
18....
XX
XX
XX
XX
XX
XX
XX
XX
Factory trim values
Table 42. Register reset values (Hex.) (Page0)
CLRC663
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 5.3 — 3 January 2024
48 / 177



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com