Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLRC663 Datasheet(PDF) 34 Page - NXP Semiconductors

Part # CLRC663
Description  High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC663 Datasheet(HTML) 34 Page - NXP Semiconductors

Back Button CLRC663 Datasheet HTML 30Page - NXP Semiconductors CLRC663 Datasheet HTML 31Page - NXP Semiconductors CLRC663 Datasheet HTML 32Page - NXP Semiconductors CLRC663 Datasheet HTML 33Page - NXP Semiconductors CLRC663 Datasheet HTML 34Page - NXP Semiconductors CLRC663 Datasheet HTML 35Page - NXP Semiconductors CLRC663 Datasheet HTML 36Page - NXP Semiconductors CLRC663 Datasheet HTML 37Page - NXP Semiconductors CLRC663 Datasheet HTML 38Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 177 page
background image
NXP Semiconductors
CLRC663
High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
8.4.6.5 Test Data Output (TDO)
The TDO pin provides an output stream of serial information from the IR chain or the DR chains. The value
of TDO depends on the current TAP state, the current instruction, and the data in the chain being accessed.
In order to save power when the port is not being used, the TDO pin is placed in an inactive drive state when
not actively shifting out data. Because TDO can be connected to the TDI of another controller in a daisy-chain
configuration, the IEEE Standard 1149.1 expects the value on TDO to change on the falling edge of TCK.
8.4.6.6 Data register
According to the IEEE1149.1 standard, there are two types of data register defined: bypass and boundary scan
The bypass register enable the possibility to bypass a device when part of the scan path.Serial data is allowed
to be transferred through a device from the TDI pin to the TDO pin without affecting the operation of the device.
The boundary scan register is the scan-chain of the boundary cells. The size of this register is dependent on the
command.
8.4.6.7 Boundary scan cell
The boundary scan cell opens the possibility to control a hardware pin independent of its normal use case.
Basically the cell can only do one of the following: control, output and input.
001aam306
TAP
TAP
IC1
IC2
TCK
TMS
TCK
TMS
TDO
TDO
Boundary scan cell
TDI
TDI
Figure 24. Boundary scan cell path structure
8.4.6.8 Boundary scan path
This chapter shows the boundary scan path of the CLRC663.
Number (decimal)
Cell
Port
Function
23
BC_1
-
Control
22
BC_8
CLKOUT
Bidir
21
BC_1
-
Control
20
BC_8
SCL2
Bidir
19
BC_1
-
Control
18
BC_8
SDA2
Bidir
17
BC_1
-
Control
16
BC_8
IFSEL0
Bidir
15
BC_1
-
Control
Table 29. Boundary scan path of the CLRC663
CLRC663
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 5.3 — 3 January 2024
34 / 177



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com