Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLRC663 Datasheet(PDF) 80 Page - NXP Semiconductors

Part # CLRC663
Description  High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC663 Datasheet(HTML) 80 Page - NXP Semiconductors

Back Button CLRC663 Datasheet HTML 76Page - NXP Semiconductors CLRC663 Datasheet HTML 77Page - NXP Semiconductors CLRC663 Datasheet HTML 78Page - NXP Semiconductors CLRC663 Datasheet HTML 79Page - NXP Semiconductors CLRC663 Datasheet HTML 80Page - NXP Semiconductors CLRC663 Datasheet HTML 81Page - NXP Semiconductors CLRC663 Datasheet HTML 82Page - NXP Semiconductors CLRC663 Datasheet HTML 83Page - NXP Semiconductors CLRC663 Datasheet HTML 84Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 177 page
background image
NXP Semiconductors
CLRC663
High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
Bit
Symbol
Description
7 to 0
T3ReloadHi
Defines the high byte of the reload value of the Timer3. With the start event, the timer
load the value of the T3ReloadValHi and T3ReloadValLo. Changing this register affects
the timer only at the next start event.
Table 114. T3ReloadHi bits
9.7.2.17 T3ReloadLo
Low byte of the reload value of Timer3.
Bit
7
6
5
4
3
2
1
0
Symbol
T3ReloadLo
Access
rights
r/w
Table 115. T3ReloadLo register (address 20h)
Bit
Symbol
Description
7 to 0
T3ReloadLo
Defines the low byte of the reload value of Timer3. With the start event, the timer load
the value of the T3ReloadValHi and T3RelaodValLo. Changing this register affects the
timer only at the next start event.
Table 116. T3ReloadLo bits
9.7.2.18 T3CounterValHi
High byte of the current counter value the 16-bit Timer3.
Bit
7
6
5
4
3
2
1
0
Symbol
T3CounterValHi
Access
rights
dy
Table 117. T3CounterValHi register (address 21h)
Bit
Symbol
Description
7 to 0
T3Counter
ValHi
High byte of the current counter value of Timer3.
This value shall not be read out during reception.
Table 118. T3CounterValHi bits
9.7.2.19 T3CounterValLo
Low byte of the current counter value the 16-bit Timer3.
Bit
7
6
5
4
3
2
1
0
Symbol
T3CounterValLo
Access
rights
dy
Table 119. T3CounterValLo register (address 22h)
CLRC663
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 5.3 — 3 January 2024
80 / 177



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com