Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLRC663 Datasheet(PDF) 42 Page - NXP Semiconductors

Part # CLRC663
Description  High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC663 Datasheet(HTML) 42 Page - NXP Semiconductors

Back Button CLRC663 Datasheet HTML 38Page - NXP Semiconductors CLRC663 Datasheet HTML 39Page - NXP Semiconductors CLRC663 Datasheet HTML 40Page - NXP Semiconductors CLRC663 Datasheet HTML 41Page - NXP Semiconductors CLRC663 Datasheet HTML 42Page - NXP Semiconductors CLRC663 Datasheet HTML 43Page - NXP Semiconductors CLRC663 Datasheet HTML 44Page - NXP Semiconductors CLRC663 Datasheet HTML 45Page - NXP Semiconductors CLRC663 Datasheet HTML 46Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 177 page
background image
NXP Semiconductors
CLRC663
High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
001aan358
13.56 MHz
I/O CLOCK
GENERATION
I-clks
Q-clks
clk_27 MHz
TIMING
GENERATION
ADC
DATA
DATA
Adc_data_ready
clk_27 MHz
mixer
mix_out_i_p
2-stage BBA
mix_out_i_n
out_i_p
out_i_n
rx_p
rx_n
rx_p
rx_n
mixer
mix_out_q_p
2-stage BBA
mix_out_q_n
out_q_p
out_q_n
rcv_gain<1:0>
rcv_hpcf<1:0>
fully/quasi-differential
fully/quasi-differential
rcv_gain<1:0>
rcv_hpcf<1:0>
rx_p
rx_n
Figure 28. Block diagram of receiver circuitry
The receiver can also be operated in a single ended mode. In this case, the Rcv_RX_single bit has to be set. In
the single ended mode, the two receiver pins RXP and RXN need to be connected together and will provide a
single ended signal to the receiver circuitry.
When using the receiver in a single ended mode, the receiver sensitivity is decreased and the achievable
reading distance might be reduced, compared to the fully differential mode.
Mode
rcv_rx_single
pins RXP and RXN
Fully differential
0
provide differential signal from differential antenna by separate rx-
coupling branches
Quasi differential
1
connect RXP and RXN together and provide single ended signal from
antenna by a single rx-coupling branch
Table 32. Configuration for single or differential receiver
The quadrature-demodulator uses two different clocks, Q-clock and I-clock, with a phase shift of 90° between
them. Both resulting baseband signals are amplified, filtered, digitized and forwarded to a correlation circuitry.
The typical application is intended to implement the Fully differential mode and will deliver maximum reader/
writer distance. The Quasi differential mode can be used together with dedicated antenna topologies that allow
a reduction of matching components at the cost of overall reading performance.
During low-power card detection the DC levels at the I- and Q-channel mixer outputs are evaluated. This
requires that mixers are directly connected to the ADC. This can be configured by setting the bit Rx_ADCmode
in register Rcv (38h).
8.6.4 Active antenna concept
Two main blocks are implemented in the CLRC663. A digital circuitry, comprising state machines, coder and
decoder logic and an analog circuitry with the modulator and antenna drivers, receiver and amplification
circuitry. For example, the interface between these two blocks can be configured in the way, that the interfacing
signals may be routed to the pins SIGIN and SIGOUT. The most important use of this topology is the active
antenna concept where the digital and the analog blocks are separated. This opens the possibility to connect
e.g. an additional digital block of another CLRC663 device with a single analog antenna frontend.
CLRC663
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 5.3 — 3 January 2024
42 / 177



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com