Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLRC663 Datasheet(PDF) 45 Page - NXP Semiconductors

Part # CLRC663
Description  High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC663 Datasheet(HTML) 45 Page - NXP Semiconductors

Back Button CLRC663 Datasheet HTML 41Page - NXP Semiconductors CLRC663 Datasheet HTML 42Page - NXP Semiconductors CLRC663 Datasheet HTML 43Page - NXP Semiconductors CLRC663 Datasheet HTML 44Page - NXP Semiconductors CLRC663 Datasheet HTML 45Page - NXP Semiconductors CLRC663 Datasheet HTML 46Page - NXP Semiconductors CLRC663 Datasheet HTML 47Page - NXP Semiconductors CLRC663 Datasheet HTML 48Page - NXP Semiconductors CLRC663 Datasheet HTML 49Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 177 page
background image
NXP Semiconductors
CLRC663
High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
8.6.5 Symbol generator
The symbol generator is used to create various protocol symbols. These can be e.g. SOF or EOF symbols as
they are used by the ISO14443 protocols or proprietary protocol symbols like the CS symbol as used by the
ICODE EPC protocol.
Symbols are defined by means of the symbol definition registers and the mode registers. Four different symbols
can be used. Two of them, Symbol0 and Symbol1 have a maximum pattern length of 16 bit and feature a burst
length of up to 256 bits of either logic "0" or logic "1". The Symbol2 and Symbol3 are limited to 8-bit pattern
length and do not support a burst.
The definition of symbol patterns is done by writing the bit sequence of the pattern to the appropriate register.
The last bit of the pattern to be sent is located at the LSB of the register. By setting the symbol length in the
symbol-length register (TxSym10Len and TxSym32Len), the definition of the symbol pattern is completed. All
other bits at bit-position higher than the symbol length in the definition register are ignored. (Example: length of
Symbol2 = 5, bit7 and bit6 are ignored, bit5 to bit0 define the symbol pattern, bit5 is sent first)
Which symbol-pattern is sent can be configured in the TxFrameCon register. Symbol0, Symbol1 and Symbol2
can be sent before data packets, Symbol1, Symbol2 and Symbol3 can be sent after data packets. Each symbol
is defined by a set of registers. Symbols are configured by a pair of registers. Symbol0 and Symbol1 share the
same configuration and Symbol2 and Symbol3 share the same configuration. The configuration includes setting
of bit-clock- and subcarrier-frequency, as well as selection of the pulse type/length and the envelope type.
8.7 Memory
8.7.1 Memory overview
The CLRC663 implements three different memories: EEPROM, FIFO and Registers.
At startup, the initialization of the registers which define the behavior of the IC is performed by an automatic
copy of an EEPROM area (read/write EEPROM section1 and section2, register reset) into the registers. The
behavior of the CLRC663 can be changed by executing the command LoadProtocol, which copies a selected
default protocol from the EEPROM (read-only EEPROM section4, register Set Protocol area) into the registers.
The read/write EEPROM section2 can be used to store any user data or predefined register settings. These
predefined settings can be copied with the command "LoadRegister" into the internal registers.
The FIFO is used as Input/Out buffer and is able to improve the performance of a system with limited interface
speed.
8.7.2 EEPROM memory organization
The CLRC663 has implemented an EEPROM non-volatile memory with a size of 8 kB. The EEPROM is
organized in pages of 64 bytes. One page of 64 bytes can be programmed at a time. Defined purposes had
been assigned to specific memory areas of the EEPROM, which are called Sections. Five sections 0..4 with
different purpose do exist.
Section
Page
Byte addresses
Access
rights
Memory content
00 to 31
r
product information and configuration
0
0
32 to 63
r/w
product configuration
1
1 to 2
64 to 191
r/w
register reset
Table 35. EEPROM memory organization
CLRC663
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 5.3 — 3 January 2024
45 / 177



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com