Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLRC663 Datasheet(PDF) 69 Page - NXP Semiconductors

Part # CLRC663
Description  High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC663 Datasheet(HTML) 69 Page - NXP Semiconductors

Back Button CLRC663 Datasheet HTML 65Page - NXP Semiconductors CLRC663 Datasheet HTML 66Page - NXP Semiconductors CLRC663 Datasheet HTML 67Page - NXP Semiconductors CLRC663 Datasheet HTML 68Page - NXP Semiconductors CLRC663 Datasheet HTML 69Page - NXP Semiconductors CLRC663 Datasheet HTML 70Page - NXP Semiconductors CLRC663 Datasheet HTML 71Page - NXP Semiconductors CLRC663 Datasheet HTML 72Page - NXP Semiconductors CLRC663 Datasheet HTML 73Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 177 page
background image
NXP Semiconductors
CLRC663
High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
Bit
Symbol
Description
4
Timer4IRQEn
Set to logic 1, it allows the Timer4 interrupt request (indicated by the bit Timer4IRQ) to be
propagated to the GlobalIRQ
3
Timer3IRQEn
Set to logic 1, it allows the Timer3 interrupt request (indicated by the bit Timer3IRQ) to be
propagated to the GlobalIRQ
2
Timer2IRQEn
Set to logic 1, it allows the Timer2 interrupt request (indicated by the bit Timer2IRQ) to be
propagated to the GlobalIRQ
1
Timer1IRQEn
Set to logic 1, it allows the Timer1 interrupt request (indicated by the bit Timer1IRQ) to be
propagated to the GlobalIRQ
0
Timer0IRQEn
Set to logic 1, it allows the Timer0 interrupt request (indicated by the bit Timer0IRQ) to be
propagated to the GlobalIRQ
Table 70. IRQ1EN bits...continued
9.6 Contactless interface configuration registers
9.6.1 Error
Error register.
Bit
7
6
5
4
3
2
1
0
Symbol
EE_Err
FiFoWrErr
FIFOOvl
MinFrameErr
NoDataErr
CollDet
ProtErr
IntegErr
Access
rights
dy
dy
dy
dy
dy
dy
dy
dy
Table 71. Error register (address 0Ah)
Bit
Symbol
Description
7
EE_Err
An error appeared during the last EEPROM command. For
details see the descriptions of the EEPROM commands
6
FIFOWrErr
Data was written into the FIFO, during a transmission of a possible CRC, during "RxWait", "Wait
for data" or "Receiving" state, or during an authentication command. The Flag is cleared when a
new CL command is started. If RxMultiple is active, the flag is cleared after the error flags have
been written to the FIFO.
5
FIFOOvl
Data is written into the FIFO when it is already full. The data that is already in the FIFO remains
untouched. All data that is written to the FIFO after this Flag is set to 1 will be ignored.
4
Min
FrameErr
A valid SOF was received, but afterwards less than 4 bits of data were received.
Note: Frames with less than 4 bits of data are automatically discarded and the RxDecoder
stays enabled. Furthermore no RxIRQ is set. The same is valid for less than 3 bytes, if the EMD
suppression is activated
Note: MinFrameErr is automatically cleared at the start of a receive or transceive command. In
case of a transceive command, it is cleared at the start of the receiving phase ("Wait for data"
state)
3
NoDataErr
Data should be sent, but no data is in FIFO
2
CollDet
A collision has occurred. The position of the first collision is shown in the register RxColl.
Note: CollDet is automatically cleared at the start of a receive or transceive command. In case of
a transceive command, it is cleared at the start of the receiving phase ("Wait for data" state).
Note: If a collision is part of the defined EOF symbol, CollDet is not set to 1.
Table 72. Error bits
CLRC663
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 5.3 — 3 January 2024
69 / 177



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com