Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLRC663 Datasheet(PDF) 83 Page - NXP Semiconductors

Part # CLRC663
Description  High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC663 Datasheet(HTML) 83 Page - NXP Semiconductors

Back Button CLRC663 Datasheet HTML 79Page - NXP Semiconductors CLRC663 Datasheet HTML 80Page - NXP Semiconductors CLRC663 Datasheet HTML 81Page - NXP Semiconductors CLRC663 Datasheet HTML 82Page - NXP Semiconductors CLRC663 Datasheet HTML 83Page - NXP Semiconductors CLRC663 Datasheet HTML 84Page - NXP Semiconductors CLRC663 Datasheet HTML 85Page - NXP Semiconductors CLRC663 Datasheet HTML 86Page - NXP Semiconductors CLRC663 Datasheet HTML 87Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 177 page
background image
NXP Semiconductors
CLRC663
High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
Bit
7
6
5
4
3
2
1
0
Symbol
T4CounterValLo
Access
rights
dy
Table 129. T4CounterValLo register (address 27h)
Bit
Symbol
Description
7 to 0
T4CounterValLo
Low byte of the current counter value of the timer 4.
Table 130. T4CounterValLo bits
9.8 Transmitter driver configuration registers
9.8.1 DrvMode
Bit
7
6
5
4
3
2
1
0
Symbol
Tx2Inv
Tx1Inv
-
-
TxEn
TxClk Mode
Access
rights
r/w
r/w
RFU
RFU
r/w
r/w
Table 131. DrvMode register (address 28h)
Bit
Symbol
Description
7
Tx2Inv
Inverts transmitter 2 at TX2 pin
6
Tx1Inv
Inverts transmitter 1 at TX1 pin
5
RFU
4
-
RFU
3
TxEn
If set to 1 both transmitter pins are enabled
2 to 0
TxClkMode
Transmitter clock settings. Codes 011b and 0100b are not supported. This register
defines, if the output is operated in open-drain, push-pull, at high impedance or pulled to
a fix high or low level.
Table 132. DrvMode bits
9.8.2 TxAmp
With the set_cw_amplitude register, output power can be traded off against power supply rejection. Spending
more headroom leads to better power supply rejection ration and better accuracy of the modulation degree.
With CwMax set, the voltage of TX1 will be pulled to the maximum possible. This register overrides the settings
made by set_cw_amplitude.
Bit
7
6
5
4
3
2
1
0
Symbol
set_cw_amplitude
-
set_residual_carrier
Access
rights
r/w
RFU
r/w
Table 133. TxAmp register (address 29h)
CLRC663
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 5.3 — 3 January 2024
83 / 177



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com