Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLRC663 Datasheet(PDF) 68 Page - NXP Semiconductors

Part # CLRC663
Description  High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC663 Datasheet(HTML) 68 Page - NXP Semiconductors

Back Button CLRC663 Datasheet HTML 64Page - NXP Semiconductors CLRC663 Datasheet HTML 65Page - NXP Semiconductors CLRC663 Datasheet HTML 66Page - NXP Semiconductors CLRC663 Datasheet HTML 67Page - NXP Semiconductors CLRC663 Datasheet HTML 68Page - NXP Semiconductors CLRC663 Datasheet HTML 69Page - NXP Semiconductors CLRC663 Datasheet HTML 70Page - NXP Semiconductors CLRC663 Datasheet HTML 71Page - NXP Semiconductors CLRC663 Datasheet HTML 72Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 177 page
background image
NXP Semiconductors
CLRC663
High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
Bit
7
6
5
4
3
2
1
0
Symbol
IRQ_Inv Hi AlertIRQEn LoAlertIRQEn IdleIRQEn
TxIRQEn
RxIRQEn ErrIRQEn
Rx
SOFIRQEn
Access
rights
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
Table 67. IRQ0En register (address 08h)
Bit
Symbol
Description
7
IRQ_Inv
Set to one the signal of the IRQ pin is inverted
6
Hi AlerIRQEn
Set to logic 1, it allows the High Alert interrupt Request (indicated by the bit HiAlertIRQ) to
be propagated to the GlobalIRQ
5
Lo AlertIRQEn
Set to logic 1, it allows the Low Alert Interrupt Request (indicated by the bit LoAlertIRQ) to
be propagated to the GlobalIRQ
4
IdleIRQEn
Set to logic 1, it allows the Idle interrupt request (indicated by the bit IdleIRQ) to be
propagated to the GlobalIRQ
3
TxIRQEn
Set to logic 1, it allows the transmitter interrupt request (indicated by the bit TxtIRQ) to be
propagated to the GlobalIRQ
2
RxIRQEn
Set to logic 1, it allows the receiver interrupt request (indicated by the bit RxIRQ) to be
propagated to the GlobalIRQ
1
ErrIRQEn
Set to logic 1, it allows the Error interrupt request (indicated by the bit ErrorIRQ) to be
propagated to the GlobalIRQ
0
RxSOFIRQEn
Set to logic 1, it allows the RxSOF interrupt request (indicated by the bit RxSOFIRQ) to be
propagated to the GlobalIRQ
Table 68. IRQ0En bits
9.5.4 IRQ1En
Interrupt request enable register for IRQ1.
Bit
7
6
5
4
3
2
1
0
Symbol IRQPushPull IRQPinEn LPCD_IRQEn
Timer4
IRQEn
Timer3
IRQEn
Timer2
IRQEn
Timer1
IRQEn
Timer0
IRQEn
Access
rights
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
Table 69. IRQ1EN register (address 09h);
Bit
Symbol
Description
7
IRQPushPull
Set to 1 the IRQ-pin acts as PushPull pin, otherwise it acts as OpenDrain pin
6
IRQPinEN
Set to logic 1, it allows the global interrupt request (indicated by the bit GlobalIRQ) to be
propagated to the interrupt pin
5
LPCD_IRQEN
Set to logic 1, it allows the LPCDinterrupt request (indicated by the bit LPCDIRQ) to be
propagated to the GlobalIRQ
Table 70. IRQ1EN bits
CLRC663
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 5.3 — 3 January 2024
68 / 177



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com