Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLRC663 Datasheet(PDF) 35 Page - NXP Semiconductors

Part # CLRC663
Description  High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC663 Datasheet(HTML) 35 Page - NXP Semiconductors

Back Button CLRC663 Datasheet HTML 31Page - NXP Semiconductors CLRC663 Datasheet HTML 32Page - NXP Semiconductors CLRC663 Datasheet HTML 33Page - NXP Semiconductors CLRC663 Datasheet HTML 34Page - NXP Semiconductors CLRC663 Datasheet HTML 35Page - NXP Semiconductors CLRC663 Datasheet HTML 36Page - NXP Semiconductors CLRC663 Datasheet HTML 37Page - NXP Semiconductors CLRC663 Datasheet HTML 38Page - NXP Semiconductors CLRC663 Datasheet HTML 39Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 177 page
background image
NXP Semiconductors
CLRC663
High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
Number (decimal)
Cell
Port
Function
14
BC_8
IFSEL1
Bidir
13
BC_1
-
Control
12
BC_8
IF0
Bidir
11
BC_1
-
Control
10
BC_8
IF1
Bidir
9
BC_1
-
Control
8
BC_8
IF2
Bidir
7
BC_1
IF2
Output2
6
BC_4
IF3
Input
5
BC_1
-
Control
4
BC_8
IRQ
Bidir
3
BC_1
-
Control
2
BC_8
SIGIN
Bidir
1
BC_1
-
Control
0
BC_8
SIGOUT
Bidir
Table 29. Boundary scan path of the CLRC663...continued
Refer to the CLRC663 BSDL file.
8.4.6.9 Boundary Scan Description Language (BSDL)
All of the boundary scan devices have a unique boundary structure which is necessary to know for operating the
device. Important components of this language are:
• available test bus signal
• compliance pins
• command register
• data register
• boundary scan structure (number and types of the cells, their function and the connection to the pins.)
The CLRC663 is using the cell BC_8 for the IO-Lines. The I2C Pin is using a BC_4 cell. For all pad enable lines,
the cell BC1 is used.
The manufacturer's identification is 02Bh.
• attribute IDCODEISTER of CLRC663: entity is "0001" and -- version
• "0011110010000010b" and -- part number (3C82h)
• "00000010101b" and -- manufacturer (02Bh)
• "1b"; -- mandatory
The user code data is coded as followed:
• product ID (3 bytes)
• version
These four bytes are stored as the first four bytes in the EEPROM.
CLRC663
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 5.3 — 3 January 2024
35 / 177



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com