Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLRC663 Datasheet(PDF) 24 Page - NXP Semiconductors

Part # CLRC663
Description  High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC663 Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button CLRC663 Datasheet HTML 20Page - NXP Semiconductors CLRC663 Datasheet HTML 21Page - NXP Semiconductors CLRC663 Datasheet HTML 22Page - NXP Semiconductors CLRC663 Datasheet HTML 23Page - NXP Semiconductors CLRC663 Datasheet HTML 24Page - NXP Semiconductors CLRC663 Datasheet HTML 25Page - NXP Semiconductors CLRC663 Datasheet HTML 26Page - NXP Semiconductors CLRC663 Datasheet HTML 27Page - NXP Semiconductors CLRC663 Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 177 page
background image
NXP Semiconductors
CLRC663
High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
Symbol
Parameter
Min
Typ
Max
Unit
tSCKH
SCK HIGH time
50
-
-
ns
th(SCKH-D)
SCK HIGH to data input hold time
25
-
-
ns
tsu(D-SCKH)
data input to SCK HIGH set-up time
25
-
-
ns
th(SCKL-Q)
SCK LOW to data output hold time
-
-
25
ns
t(SCKL-NSSH)
SCK LOW to NSS HIGH time
0
-
-
ns
tNSSH
NSS HIGH time
50
-
-
ns
Table 20. Timing conditions SPI...continued
aaa-016093
tSCKL
tNSSH
tSCKH
tSCKL
tsu(D-SCKH)
th(SCKH-D)
th(SCKL-Q)
t(SCKL-NSSH)
SCK
MOSI
MISO
MSB
MSB
LSB
LSB
NSS
Figure 13. Connection to host with SPI
Remark: To send more bytes in one data stream, the NSS signal must be LOW during the send process. To
send more than one data stream, the NSS signal must be HIGH between each data stream.
8.4.3 RS232 interface
8.4.3.1 Selection of the transfer speeds
The internal UART interface is compatible to an RS232 serial interface. The levels supplied to the pins are
between VSS and PVDD. To achieve full compatibility of the voltage levels to the RS232 specification, an
RS232 level shifter is required.
Table 22 describes examples for different transfer speeds and relevant register settings. The resulting transfer
speed error is less than 1.5 % for all described transfer speeds. The default transfer speed is 115.2 kbit/s.
To change the transfer speed, the host controller has to write a value for the new transfer speed to the register
SerialSpeedReg. The bits BR_T0 and BR_T1 define factors to set the transfer speed in the SerialSpeedReg.
Table 21 describes the settings of BR_T0 and BR_T1.
BR_T0
0
1
2
3
4
5
6
7
factor BR_T0
1
1
2
4
8
16
32
64
Table 21. Settings of BR_T0 and BR_T1
CLRC663
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 5.3 — 3 January 2024
24 / 177



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com