Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLRC663 Datasheet(PDF) 79 Page - NXP Semiconductors

Part # CLRC663
Description  High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC663 Datasheet(HTML) 79 Page - NXP Semiconductors

Back Button CLRC663 Datasheet HTML 75Page - NXP Semiconductors CLRC663 Datasheet HTML 76Page - NXP Semiconductors CLRC663 Datasheet HTML 77Page - NXP Semiconductors CLRC663 Datasheet HTML 78Page - NXP Semiconductors CLRC663 Datasheet HTML 79Page - NXP Semiconductors CLRC663 Datasheet HTML 80Page - NXP Semiconductors CLRC663 Datasheet HTML 81Page - NXP Semiconductors CLRC663 Datasheet HTML 82Page - NXP Semiconductors CLRC663 Datasheet HTML 83Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 177 page
background image
NXP Semiconductors
CLRC663
High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
Bit
Symbol
Description
7 to 0
T2Counter
ValLo
Low byte of the current counter value of Timer1Timer2.
This value shall not be read out during reception.
Table 110. T2CounterValLo bits
9.7.2.15 T3Control
Control register of the Timer 3.
Bit
7
6
5
4
3
2
1
0
Symbol
T3StopRx
-
T3Start
T3AutoRestart
-
T3Clk
Access
rights
r/w
RFU
r/w
r/w
RFU
r/w
Table 111. T3Control register (address 1Eh)
Bit
Symbol
Description
7
T3StopRx
If set, the timer stops immediately after receiving the first 4 bits. If cleared, indicates that
the timer is not stopped automatically.
Note: If LFO Trimming is selected by T3Start, this bit has no effect.
6
-
RFU
5 to 4
T3Start
00b - timer is not started automatically
01 b - timer starts automatically at the end of the transmission
10 b - timer is used for LFO trimming without underflow (Start/Stop on PosEdge)
11 b - timer is used for LFO trimming with underflow (Start/Stop on PosEdge).
3
T3AutoRestart
Set to logic 1, the timer automatically restarts its countdown from T3ReloadValue, after
the counter value has reached the value zero.
Set to logic 0 the timer decrements to zero and stops.
The bit Timer1IRQ is set to logic 1 when the timer underflows.
2
-
RFU
1 to 0
T3Clk
00 b - the timer input clock is 13.56 MHz.
01 b - the timer input clock is 211,875 kHz.
10 b - the timer input clock is an underflow of Timer0
11 b - the timer input clock is an underflow of Timer1
Table 112. T3Control bits
9.7.2.16 T3ReloadHi
High byte of the reload value of Timer3.
Bit
7
6
5
4
3
2
1
0
Symbol
T3ReloadHi
Access
rights
r/w
Table 113. T3ReloadHi register (address 1Fh);
CLRC663
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 5.3 — 3 January 2024
79 / 177



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com