Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLRC663 Datasheet(PDF) 63 Page - NXP Semiconductors

Part # CLRC663
Description  High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC663 Datasheet(HTML) 63 Page - NXP Semiconductors

Back Button CLRC663 Datasheet HTML 59Page - NXP Semiconductors CLRC663 Datasheet HTML 60Page - NXP Semiconductors CLRC663 Datasheet HTML 61Page - NXP Semiconductors CLRC663 Datasheet HTML 62Page - NXP Semiconductors CLRC663 Datasheet HTML 63Page - NXP Semiconductors CLRC663 Datasheet HTML 64Page - NXP Semiconductors CLRC663 Datasheet HTML 65Page - NXP Semiconductors CLRC663 Datasheet HTML 66Page - NXP Semiconductors CLRC663 Datasheet HTML 67Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 177 page
background image
NXP Semiconductors
CLRC663
High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
Address
Register name
Function
59h
RxEofSym
Receiver end of frame symbol register
5Ah
RxSyncValH
Receiver synchronisation value high register
5Bh
RxSyncValL
Receiver synchronisation value low register
5Ch
RxSyncMod
Receiver synchronisation mode register
5Dh
RxMod
Receiver modulation register
5Eh
RxCorr
Receiver correlation register
5Fh
FabCal
Calibration register of the receiver, calibration performed at production
48h-5Fh
RFU
-
7Fh
Version
Version and subversion register
Table 50. CLRC663 registers overview...continued
9.2 Command configuration
9.2.1 Command
Starts and stops command execution.
Bit
7
6
5
4
3
2
1
0
Symbol
Standby
Modem Off
RFU
Command
Access
rights
dy
r/w
-
dy
Table 51. Command register (address 00h)
Bit
Symbol
Description
7
Standby
Set to 1, the IC is entering power-down mode.
6
ModemOff
Set to logic 1, the receiver and the transmitter circuit is powering down.
5
RFU
-
4 to 0
Command
Defines the actual command for the CLRC663.
Table 52. Command bits
9.3 SAM configuration register
9.3.1 HostCtrl
Via the HostCtrl Register the interface access right can be controlled
Bit
7
6
5
4
3
2
1
0
Symbol
RegEn
BusHost
BusSAM
RFU
SAMInterface
SAMInterface
RFU
RFU
Access
rights
dy
r/w
r/w
-
r/w
r/w
-
-
Table 53. HostCtrl register (address 01h);
CLRC663
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 5.3 — 3 January 2024
63 / 177



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com