Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLRC663 Datasheet(PDF) 62 Page - NXP Semiconductors

Part # CLRC663
Description  High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC663 Datasheet(HTML) 62 Page - NXP Semiconductors

Back Button CLRC663 Datasheet HTML 58Page - NXP Semiconductors CLRC663 Datasheet HTML 59Page - NXP Semiconductors CLRC663 Datasheet HTML 60Page - NXP Semiconductors CLRC663 Datasheet HTML 61Page - NXP Semiconductors CLRC663 Datasheet HTML 62Page - NXP Semiconductors CLRC663 Datasheet HTML 63Page - NXP Semiconductors CLRC663 Datasheet HTML 64Page - NXP Semiconductors CLRC663 Datasheet HTML 65Page - NXP Semiconductors CLRC663 Datasheet HTML 66Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 177 page
background image
NXP Semiconductors
CLRC663
High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
Address
Register name
Function
36h
RxWait
Receiver wait register
37h
RxThreshold
Receiver threshold register
38h
Rcv
Receiver register
39h
RxAna
Receiver analog register
RFU
No function implemented for CLRC66301 and CLRC66302
3Ah
LPCD_Options
For CLRC66303: Options for LPCD configuration
3Bh
SerialSpeed
Serial speed register
3Ch
LFO_Trimm
Low-power oscillator trimming register
3Dh
PLL_Ctrl
IntegerN PLL control register, for microcontroller clock output adjustment
3Eh
PLL_DivOut
IntegerN PLL control register, for microcontroller clock output adjustment
3Fh
LPCD_QMin
Low-power card detection Q channel minimum threshold
40h
LPCD_QMax
Low-power card detection Q channel maximum threshold
41h
LPCD_IMin
Low-power card detection I channel minimum threshold
42h
LPCD_I_Result
Low-power card detection I channel result register
43h
LPCD_Q_Result
Low-power card detection Q channel result register
44h
PadEn
PIN enable register
45h
PadOut
PIN out register
46h
PadIn
PIN in register
47h
SigOut
Enables and controls the SIGOUT Pin
48h
TxBitMod
Transmitter bit mode register
49h
RFU
-
4Ah
TxDataCon
Transmitter data configuration register
4Bh
TxDataMod
Transmitter data modulation register
4Ch
TxSymFreq
Transmitter symbol frequency
4Dh
TxSym0H
Transmitter symbol 0 high register
4Eh
TxSym0L
Transmitter symbol 0 low register
4Fh
TxSym1H
Transmitter symbol 1 high register
50h
TxSym1L
Transmitter symbol 1 low register
51h
TxSym2
Transmitter symbol 2 register
52h
TxSym3
Transmitter symbol 3 register
53h
TxSym10Len
Transmitter symbol 1 + symbol 0 length register
54h
TxSym32Len
Transmitter symbol 3 + symbol 2 length register
55h
TxSym10BurstCtrl
Transmitter symbol 1 + symbol 0 burst control register
56h
TxSym10Mod
Transmitter symbol 1 + symbol 0 modulation register
57h
TxSym32Mod
Transmitter symbol 3 + symbol 2 modulation register
58h
RxBitMod
Receiver bit modulation register
Table 50. CLRC663 registers overview...continued
CLRC663
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 5.3 — 3 January 2024
62 / 177



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com