Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLRC663 Datasheet(PDF) 60 Page - NXP Semiconductors

Part # CLRC663
Description  High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC663 Datasheet(HTML) 60 Page - NXP Semiconductors

Back Button CLRC663 Datasheet HTML 56Page - NXP Semiconductors CLRC663 Datasheet HTML 57Page - NXP Semiconductors CLRC663 Datasheet HTML 58Page - NXP Semiconductors CLRC663 Datasheet HTML 59Page - NXP Semiconductors CLRC663 Datasheet HTML 60Page - NXP Semiconductors CLRC663 Datasheet HTML 61Page - NXP Semiconductors CLRC663 Datasheet HTML 62Page - NXP Semiconductors CLRC663 Datasheet HTML 63Page - NXP Semiconductors CLRC663 Datasheet HTML 64Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 177 page
background image
NXP Semiconductors
CLRC663
High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
9 CLRC663 registers
9.1 Register bit behavior
Depending on the functionality of a register, the access conditions to the register can vary. In principle, bits with
same behavior are grouped in common registers. The access conditions are described in the table below:
Abbreviation
Behavior
Description
r/w
read and write
These bits can be written and read via the host interface. Since they are used only
for control purposes, the content is not influenced by the state machines but can
be read by internal state machines.
dy
dynamic
These bits can be written and read via the host interface. They can also be written
automatically by internal state machines, for example Command register changes
its value automatically after the execution of the command.
r
read only
These register bits indicate hold values which are determined by internal states
only.
w
write only
Reading these register bits always returns zero.
RFU
-
These bits are reserved for future use and must not be changed. In case of a
required write access, it is recommended to read out this bits, modify other bits of
the register and write back only the modified bits (read-modify-write).
Table 49. Behavior of register bits and their designation
Address
Register name
Function
00h
Command
Starts and stops command execution
01h
HostCtrl
Host control register
02h
FIFOControl
Control register of the FIFO
03h
WaterLevel
Level of the FIFO underflow and overflow warning
04h
FIFOLength
Length of the FIFO
05h
FIFOData
Data In/Out exchange register of FIFO buffer
06h
IRQ0
Interrupt register 0
07h
IRQ1
Interrupt register 1
08h
IRQ0En
Interrupt enable register 0
09h
IRQ1En
Interrupt enable register 1
0Ah
Error
Error bits showing the error status of the last command execution
0Bh
Status
Contains status of the communication
0Ch
RxBitCtrl
Control register for anticollision adjustments for bit oriented protocols
0Dh
RxColl
Collision position register
0Eh
TControl
Control of Timer 0..3
0Fh
T0Control
Control of Timer0
10h
T0ReloadHi
High register of the reload value of Timer0
11h
T0ReloadLo
Low register of the reload value of Timer0
Table 50. CLRC663 registers overview
CLRC663
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 5.3 — 3 January 2024
60 / 177



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com