Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLRC663 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # CLRC663
Description  High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC663 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button CLRC663 Datasheet HTML 9Page - NXP Semiconductors CLRC663 Datasheet HTML 10Page - NXP Semiconductors CLRC663 Datasheet HTML 11Page - NXP Semiconductors CLRC663 Datasheet HTML 12Page - NXP Semiconductors CLRC663 Datasheet HTML 13Page - NXP Semiconductors CLRC663 Datasheet HTML 14Page - NXP Semiconductors CLRC663 Datasheet HTML 15Page - NXP Semiconductors CLRC663 Datasheet HTML 16Page - NXP Semiconductors CLRC663 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 177 page
background image
NXP Semiconductors
CLRC663
High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
The TControl register allows the global start and stop of each of the four timers Timer0 to Timer3. Additionally,
this register indicates if one of the timers is running or stopped. Each of the five timers implements an individual
configuration register set defining timer reload value (e.g. T0ReloadHi, T0ReloadLo), the timer value (e.g.
T0CounterValHi, T0CounterValLo) and the conditions which define start, stop and clockfrequency (e.g.
T0Control).
The external host may use these timers to manage timing relevant tasks. The timer unit may be used in one of
the following configurations:
• Time-out counter
• Watch-dog counter
• Stop watch
• Programmable one-shot timer
• Periodical trigger
The timer unit can be used to measure the time interval between two events or to indicate that a specific event
has occurred after an elapsed time. The timer register content is modified by the timer unit, which can be used
to generate an interrupt to allow a host to react on this event.
The counter value of the timer is available in the registers T(x)CounterValHi, T(x)CounterValLo. The content of
these registers is decremented at each timer clock.
If the counter value has reached a value of 0000h and the interrupts are enabled for this specific timer, an
interrupt will be generated as soon as the next clock is received.
If enabled, the timer event can be indicated on the pin IRQ (interrupt request). The bit Timer(x)IRQ can be set
and reset by the host controller. Depending on the configuration, the timer will stop counting at 0000h or restart
with the value loaded from registers T(x)ReloadHi, T(x)ReloadLo.
The counting of the timer is indicated by bit TControl.T(x)Running.
The timer can be started by setting bits TControl.T(x)Running and TControl.T(x)StartStopNow or stopped by
setting the bits TControl.T(x)StartStopNow and clearing TControl.T(x)Running.
Another possibility to start the timer is to set the bit T(x)Mode.T(x)Start. This can be useful if dedicated protocol
requirements need to be fulfilled.
CLRC663
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 5.3 — 3 January 2024
13 / 177



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com