Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLRC663 Datasheet(PDF) 52 Page - NXP Semiconductors

Part # CLRC663
Description  High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC663 Datasheet(HTML) 52 Page - NXP Semiconductors

Back Button CLRC663 Datasheet HTML 48Page - NXP Semiconductors CLRC663 Datasheet HTML 49Page - NXP Semiconductors CLRC663 Datasheet HTML 50Page - NXP Semiconductors CLRC663 Datasheet HTML 51Page - NXP Semiconductors CLRC663 Datasheet HTML 52Page - NXP Semiconductors CLRC663 Datasheet HTML 53Page - NXP Semiconductors CLRC663 Datasheet HTML 54Page - NXP Semiconductors CLRC663 Datasheet HTML 55Page - NXP Semiconductors CLRC663 Datasheet HTML 56Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 177 page
background image
NXP Semiconductors
CLRC663
High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
Independent of the voltage it is recommended to buffer these supplies with blocking capacitances close to
the terminals of the package. VDD and PVDD are recommended to be blocked with a capacitor of 100 nF min,
TVDD is recommended to be blocked with 2 capacitors, 100 nF parallel to 1.0 μF
AVDD and DVDD are not supplied input pins. They are output pins and shall be connected to blocking
capacitors 470 nF each.
8.9.2 Power reduction mode
8.9.2.1 Power-down
A hard power-down is enabled with HIGH level on pin PDOWN. This turns off the internal 1.8 V voltage
regulators for the analog and digital core supply as well as the oscillator. All digital input buffers are separated
from the input pads and clamped internally (except pin PDOWN itself). The output pins are switched to high
impedance. HardPowerDown is performing a reset of the IC. All registers will be reset, the Fifo will be cleared.
To leave the power-down mode the level at the pin PDOWN as to be set to LOW. This starts the internal start-up
sequence.
8.9.2.2 Standby mode
The standby mode is entered immediately after setting the bit PowerDown in the register Command. All internal
current sinks are switched off. Voltage references and voltage regulators are set into standby mode.
In opposition to the power-down mode, the digital input buffers are not separated by the input pads and keep
their functionality. The digital output pins do not change their state.
During standby mode, all registers values, the FIFO’s content and the configuration itself keeps its current
content.
To leave the standby mode, the bit PowerDown in the register Command is cleared. This triggers the internal
start-up sequence. The reader IC is in full operation mode again when the internal start-up sequence is
finalized.
A value of 55h must be sent to the CLRC663 using the RS232 interface to leave the standby mode. This is must
at RS232, but cannot be used for the I2C/SPI interface. Then read accesses shall be performed at address 00h
until the device returns the content of this address. The return of the content of address 00h indicates that the
device is ready to receive further commands and the internal start-up sequence is finalized.
8.9.2.3 Modem off mode
When the ModemOff bit in the register Control is set the antenna transmitter and the receiver are switched off.
To leave the modem off mode, clears the ModemOff bit in the register Control.
8.9.3 Low-Power Card Detection (LPCD)
The low-power card detection is an energy saving mode in which the CLRC663 is not fully powered
permanently.
The LPCD works in two phases. First the standby phase is controlled by the wake-up counter (WUC),
which defines the duration of the standby of the CLRC663. Second phase is the detection-phase. In this
phase, the values of the I and Q channel are detected and stored in the register map. (LPCD_I_Result,
LPCD_Q_Result).This time period can be handled with Timer3. The value is compared with the min/max values
in the registers (LPCD_IMin, LPCD_IMax; LPCD_QMin, LPCD_QMax). If it exceeds the limits, an LPCDIRQ is
raised.
CLRC663
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 5.3 — 3 January 2024
52 / 177



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com