Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLRC663 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # CLRC663
Description  High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC663 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button CLRC663 Datasheet HTML 5Page - NXP Semiconductors CLRC663 Datasheet HTML 6Page - NXP Semiconductors CLRC663 Datasheet HTML 7Page - NXP Semiconductors CLRC663 Datasheet HTML 8Page - NXP Semiconductors CLRC663 Datasheet HTML 9Page - NXP Semiconductors CLRC663 Datasheet HTML 10Page - NXP Semiconductors CLRC663 Datasheet HTML 11Page - NXP Semiconductors CLRC663 Datasheet HTML 12Page - NXP Semiconductors CLRC663 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 177 page
background image
NXP Semiconductors
CLRC663
High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
Pin
Symbol
Type
Description
18
TVDD
PWR
transmitter voltage supply
19
XTAL1
I
crystal oscillator input: Input to the inverting amplifier of the oscillator. This pin is
also the input for an externally generated clock (fosc = 27.12 MHz)
20
XTAL2
O
crystal oscillator output: output of the inverting amplifier of the oscillator
21
PDOWN
I
Power Down (RESET)
22
CLKOUT / OUT6
O
clock output / general purpose output 6
23
SCL
O
Serial Clock line
24
SDA
I/O
Serial Data Line
25
PVDD
PWR
pad power supply
26
IFSEL0 / OUT4
I
host interface selection 0 / general purpose output 4
27
IFSEL1 / OUT5
I
host interface selection 1 / general purpose output 5
28
IF0
I/O
interface pin, multifunction pin: Can be assigned to host interface RS232, SPI,
I2C, I2C-L
29
IF1
I/O
interface pin, multifunction pin: Can be assigned to host interface SPI, I2C, I2C-L
30
IF2
I/O
interface pin, multifunction pin: Can be assigned to host interface RS232, SPI,
I2C, I2C-L
31
IF3
I/O
interface pin, multifunction pin: Can be assigned to host interface RS232, SPI,
I2C, I2C-L
32
IRQ
O
interrupt request: output to signal an interrupt event
33
VSS
PWR
ground and heat sink connection
Table 4. Pin description...continued
[1]
This pin is used for connection of a buffer capacitor. Connection of a supply voltage might damage the device.
7.2 Pin description VFBGA36
Symbol
Pin
Type
Description
IF2
A1
I/O
interface pin, multifunction pin: Can be assigned to host interface RS232, SPI, I2C,
I2C-L
IF1
A2
I/O
interface pin, multifunction pin: Can be assigned to host interface RS232, SPI, I2C,
I2C-L
IF0
A3
I/O
interface pin, multifunction pin: Can be assigned to host interface RS232, SPI, I2C,
I2C-L
IFSEL1
A4
I
host interface selection 1 / general purpose output 5
PVDD
A5
PWR
pad power supply
PDOWN
A6
I
Power Down (RESET)
IRQ
B1
O
interrupt request: output to signal an interrupt event
TDI / OUT1
B2
I/O
test data input boundary scan interface / general purpose output 1
TMS / OUT2
B3
I/O
test mode select boundary scan interface / general purpose output 2
TDO / OUT0
B4
O
test data output for boundary scan interface / general purpose output 0
SCL
B5
I
Serial Clock line
Table 5. Pin description VFBGA36
CLRC663
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 5.3 — 3 January 2024
9 / 177



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com