Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLRC663 Datasheet(PDF) 46 Page - NXP Semiconductors

Part # CLRC663
Description  High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC663 Datasheet(HTML) 46 Page - NXP Semiconductors

Back Button CLRC663 Datasheet HTML 42Page - NXP Semiconductors CLRC663 Datasheet HTML 43Page - NXP Semiconductors CLRC663 Datasheet HTML 44Page - NXP Semiconductors CLRC663 Datasheet HTML 45Page - NXP Semiconductors CLRC663 Datasheet HTML 46Page - NXP Semiconductors CLRC663 Datasheet HTML 47Page - NXP Semiconductors CLRC663 Datasheet HTML 48Page - NXP Semiconductors CLRC663 Datasheet HTML 49Page - NXP Semiconductors CLRC663 Datasheet HTML 50Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 177 page
background image
NXP Semiconductors
CLRC663
High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
Section
Page
Byte addresses
Access
rights
Memory content
2
3 to 95
192 to 6143
r/w
free
3
96 to 111
6144 to 7167
w
MIFARE Classic key
4
112 to 127
7168 to 8191
r
Register Set Protocol (RSP)
Table 35. EEPROM memory organization...continued
The following figure shows the structure of the EEPROM:
001aan359
Production and config
Section 0:
Register reset
Section 1:
Free
Section 2:
MIFARE Classic
key area (MKA)
Section 3:
RSP-Area for TX
Section 4_TX:
RSP-Area for RX
Section 4_RX:
Figure 31. Sector arrangement of the EEPROM
8.7.2.1 Product information and configuration - Page 0
The first EEPROM page includes production data as well as configuration information.
Address
(Hex.)
0
1
2
3
4
5
6
7
00
ProductID
Version
Unique Identifier
08
Unique Identifier
Manufacturer
Data
10
ManufacturerData
18
ManufacturerData
Table 36. Production area (Page 0)
ProductID: Identifier for this CLRC663 product or derivative, only address 01h shall be evaluated for identifying
the Product CLRC663, address 00h and 02h shall be ignored by software.
Please note, that the silicon version CLRC66301, CLRC66302, CLRC66303 and derivatives can be identified
on register address 7Fh, it is not coded in the EEPROM production area.
Address 01h
Product ID
CLRC663
01h
Table 37. Product ID overview of CLRC663 family
CLRC663
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 5.3 — 3 January 2024
46 / 177



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com