Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLRC663 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # CLRC663
Description  High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC663 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button CLRC663 Datasheet HTML 8Page - NXP Semiconductors CLRC663 Datasheet HTML 9Page - NXP Semiconductors CLRC663 Datasheet HTML 10Page - NXP Semiconductors CLRC663 Datasheet HTML 11Page - NXP Semiconductors CLRC663 Datasheet HTML 12Page - NXP Semiconductors CLRC663 Datasheet HTML 13Page - NXP Semiconductors CLRC663 Datasheet HTML 14Page - NXP Semiconductors CLRC663 Datasheet HTML 15Page - NXP Semiconductors CLRC663 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 177 page
background image
NXP Semiconductors
CLRC663
High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
The bit IdleIRQ in register IRQ0 is set if a command finishes and the content of the command register changes
to idle.
The register WaterLevel defines both - minimum and maximum warning levels - counting from top and from
bottom of the FIFO by a single value.
The bit HiAlertIRQ in register IRQ0 is set to logic 1 if the HiAlert bit is set to logic 1, that means the FIFO data
number has reached the top level as configured by the register WaterLevel and bit WaterLevelExtBit.
The bit LoAlertIRQ in register IRQ0 is set to logic 1 if the LoAlert bit is set to logic 1, that means the FIFO data
number has reached the bottom level as configured by the register WaterLevel.
The bit ErrIRQ in register IRQ0 indicates an error detected by the contactless UART during receive. This is
indicated by any bit set to logic 1 in register Error.
The bit LPCDIRQ in register IRQ0 indicates a card detected.
The bit RxSOFIRQ in register IRQ0 indicates a detection of a SOF or a subcarrier by the contactless UART
during receiving.
The bit GlobalIRQ in register IRQ1 indicates an interrupt occurring at any other interrupt source when enabled.
Interrupt bit
Interrupt source
Is set automatically, when
Timer0IRQ
Timer Unit
the timer register T0 CounterVal underflows
Timer1IRQ
Timer Unit
the timer register T1 CounterVal underflows
Timer2IRQ
Timer Unit
the timer register T2 CounterVal underflows
Timer3IRQ
Timer Unit
the timer register T3 CounterVal underflows
TxIRQ
Transmitter
a transmitted data stream ends
RxIRQ
Receiver
a received data stream ends
IdleIRQ
Command Register
a command execution finishes
HiAlertIRQ
FIFO-buffer pointer
the FIFO data number has reached the top level as configured by the
register WaterLevel
LoAlertIRQ
FIFO-buffer pointer
the FIFO data number has reached the bottom level as configured by
the register WaterLevel
ErrIRQ
contactless UART
a communication error had been detected
LPCDIRQ
LPCD
a card was detected when in low-power card detection mode
RxSOFIRQ
Receiver
detection of a SOF or a subcarrier
GlobalIRQ
all interrupt sources
will be set if another interrupt request source is set
Table 6. Interrupt sources
8.2 Timer module
Timer module overview
The CLRC663 implements five timers. Four timers -Timer0 to Timer3 - have an input clock that can be
configured by register T(x)Control to be 13.56 MHz, 212 kHz, (derived from the 27.12 MHz quartz) or to
be the underflow event of the fifth Timer (Timer4). Each timer implements a counter register which is 16 bit
wide. A reload value for the counter is defined in a range of 0000h to FFFFh in the registers TxReloadHi and
TxReloadLo. The fifth timer Timer4 is intended to be used as a wake-up timer and is connected to the internal
LFO (Low Frequency Oscillator) as input clock source.
CLRC663
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 5.3 — 3 January 2024
12 / 177



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com