Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLRC663 Datasheet(PDF) 49 Page - NXP Semiconductors

Part # CLRC663
Description  High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC663 Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button CLRC663 Datasheet HTML 45Page - NXP Semiconductors CLRC663 Datasheet HTML 46Page - NXP Semiconductors CLRC663 Datasheet HTML 47Page - NXP Semiconductors CLRC663 Datasheet HTML 48Page - NXP Semiconductors CLRC663 Datasheet HTML 49Page - NXP Semiconductors CLRC663 Datasheet HTML 50Page - NXP Semiconductors CLRC663 Datasheet HTML 51Page - NXP Semiconductors CLRC663 Datasheet HTML 52Page - NXP Semiconductors CLRC663 Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 177 page
background image
NXP Semiconductors
CLRC663
High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
Address 0 (8)
1 (9)
2 (A)
3 (B)
4 (C)
5 (D)
6 (E)
7 (F)
....38
XX
XX
XX
XX
XX
XX
XX
XX
Table 42. Register reset values (Hex.) (Page0)...continued
The register reset values are configuration parameters used after startup of the IC. They can be changed to
modify the default behavior of the device. In addition to these register reset values, is the possibility to load
settings for various users implemented protocols.The load protocol command is used for this purpose.
Address 0 (8)
1 (9)
2 (A)
3 (B)
4 (C)
5 (D)
6 (E)
7 (F)
Command
HostCtrl
FiFoControl WaterLevel FiFoLength FiFoData
IRQ0
IRQ1
40
40
00
80
05
00
00
00
00
IRQ0En
IRQ1En
Error
Status
RxBitCtrl
RxColl
TControl
T0Control
48
10
00
00
00
00
00
00
00
T0ReloadHi T0ReloadLo T0Counter
ValHi
T0Counter
ValLo
T1Control
T1ReloadHi T1ReloadLo T1Counter
ValHi
50
00
80
00
00
00
00
80
00
T1Counter
ValLo
T2Control
T2ReloadHi T2ReloadLo T2Counter
ValHi
T2Counter
ValLo
T3Control
T3ReloadHi
58
00
00
00
80
00
00
00
00
T3ReloadLo T3Counter
ValHi
T3Counter
ValHi
T4Control
T4ReloadHi T4ReloadLo T4Counter
ValHi
T4Counter
ValLo
60
80
00
00
00
00
80
00
00
DrvMode
TxAmp
DrvCon
Txl
TxCRC
Preset
RxCRC
Preset
TxDataNum TxModWith
68
86
15
11
06
18
18
08
27
TxSym10
BurstLen
TxWaitCtrl
TxWaitLo
FrameCon
RxSofD
RxCtrl
RxWait
RxThres
hold
70
00
C0
12
CF
00
04
90
3F
Rcv
RxAna
RFU
SerialSpeed LFO_trimm PLL_Ctrl
PLL_Div
LPCD_QMin
78
12
0A
00
7A
80
04
20
48
LPCD_
QMax
LPCD_IMin LPCD _
result_I
LPCD _
result_Q
PadEn
PadOut
PadIn
SigOut
80
12
88
00
00
00
00
00
00
TxBitMod
RFU
TxDataCon TxDataMod TxSymFreq TxSym0H
TySym0L
TxSym1H
88
20
xx
04
50
40
00
00
00
TxSym1L
TxSym2
TxSym3
TxSym10
Length
TxSym32
Length
TxSym32
BurstCtrl
TxSym10
Mod
TxSym32
Mod
90
0x00
0x00
0x00
0x00
0x00
0x00
0x00
0x50
RxBitMod
RxEOFSym RxSyncValH RxSyncValL RxSyncMod RxMod
RXCorr
FabCal
Table 43. Register reset values (Hex.)(Page1 and page 2)
CLRC663
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 5.3 — 3 January 2024
49 / 177



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com