Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLRC663 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # CLRC663
Description  High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC663 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button CLRC663 Datasheet HTML 6Page - NXP Semiconductors CLRC663 Datasheet HTML 7Page - NXP Semiconductors CLRC663 Datasheet HTML 8Page - NXP Semiconductors CLRC663 Datasheet HTML 9Page - NXP Semiconductors CLRC663 Datasheet HTML 10Page - NXP Semiconductors CLRC663 Datasheet HTML 11Page - NXP Semiconductors CLRC663 Datasheet HTML 12Page - NXP Semiconductors CLRC663 Datasheet HTML 13Page - NXP Semiconductors CLRC663 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 177 page
background image
NXP Semiconductors
CLRC663
High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
Symbol
Pin
Type
Description
XTAL2
B6
O
crystal oscillator output: output of the inverting amplifier of the oscillator
IF3
C1
I/O
interface pin, multifunction pin: Can be assigned to host interface RS232, SPI, I2C,
I2C-L
TCK / OUT2
C2
I/O
test clock boundary scan interface / general purpose output 3
GND
C3
PWR
ground and heat sink connection
CLKOUT / OUT6
C4
O
clock output / general purpose output 6
SDA
C5
I/O
Serial Data Line
XTAL1
C6
I
crystal oscillator input: Input to the inverting amplifier of the oscillator. This pin is
also the input for an externally generated clock (fosc = 27.12 MHz)
DVDD
D1
PWR
digital power supply buffer [1]
SIGIN /OUT7
D2
I/O
Contactless communication interface output. / general purpose output 7
GND
D3
PWR
ground and heat sink connection
GND
D4
PWR
ground and heat sink connection
GND
D5
PWR
ground and heat sink connection
TVDD
D6
PWR
transmitter voltage supply
VDD
E1
PWR
power supply
AUX1
E2
O
auxiliary output: Pin is used for analog test signal
SIGOUT
E3
O
Contactless communication interface input.
AUX2
E4
O
auxiliary output: Pin is used for analog test signal
IFSEL0
E5
I
host interface selection 0 / general purpose output 4
TX1
E6
O
transmitter 1: delivers the modulated 13.56 MHz carrier
AVDD
F1
PWR
analog power supply buffer [1]
RXP
F2
I
receiver input pin for the received RF signal.
RXN
F3
I
receiver input pin for the received RF signal.
VMID
F4
PWR
internal receiver reference voltage [1]
TX2
F5
O
transmitter 2: delivers the modulated 13.56 MHz carrier
TVSS
F6
PWR
transmitter ground, supplies the output stage of TX1, TX2
Table 5. Pin description VFBGA36...continued
[1]
This pin is used for connection of a buffer capacitor. Connection of a supply voltage might damage the device.
CLRC663
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 5.3 — 3 January 2024
10 / 177



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com