Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLRC663 Datasheet(PDF) 71 Page - NXP Semiconductors

Part # CLRC663
Description  High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC663 Datasheet(HTML) 71 Page - NXP Semiconductors

Back Button CLRC663 Datasheet HTML 67Page - NXP Semiconductors CLRC663 Datasheet HTML 68Page - NXP Semiconductors CLRC663 Datasheet HTML 69Page - NXP Semiconductors CLRC663 Datasheet HTML 70Page - NXP Semiconductors CLRC663 Datasheet HTML 71Page - NXP Semiconductors CLRC663 Datasheet HTML 72Page - NXP Semiconductors CLRC663 Datasheet HTML 73Page - NXP Semiconductors CLRC663 Datasheet HTML 74Page - NXP Semiconductors CLRC663 Datasheet HTML 75Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 177 page
background image
NXP Semiconductors
CLRC663
High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
Bit
7
6
5
4
3
2
1
0
Symbol
ValuesAfterColl
RxAlign
NoColl
RxLastBits
Access
rights
r/w
r/w
r/w
r/w
r/w
w
w
w
Table 75. RxBitCtrl register (address 0Ch);
Bit
Symbol
Description
7
ValuesAfter Coll If cleared, every received bit after a collision is replaced by a zero. This function is needed
for ISO/IEC14443 anticollision
6 to 4
RxAlign
Used for reception of bit oriented frames: RxAlign defines the bit position length for the first
bit received to be stored. Further received bits are stored at the following bit positions.
Example:
RxAlign = 0h - the LSB of the received bit is stored at bit 0, the second received bit is stored
at bit position 1.
RxAlign = 1h - the LSB of the received bit is stored at bit 1, the second received bit is stored
at bit position 2.
RxAlign = 7h - the LSB of the received bit is stored at bit 7, the second received bit is stored
in the following byte at position 0.
Note: If RxAlign = 0, data is received byte-oriented, otherwise bit-oriented.
3
NoColl
If this bit is set, a collision will result in an IntegErr
2 to 0
RxLastBits
Defines the number of valid bits of the last data byte received in bit-oriented
communications. If zero the whole byte is valid.
Note: These bits are set by the RxDecoder in a bit-oriented communication at the end of the
communication. They are reset at start of reception.
Table 76. RxBitCtrl bits
9.6.4 RxColl
Receiver collision register.
Bit
7
6
5
4
3
2
1
0
Symbol
CollPosValid
CollPos
Access
rights
r
r
Table 77. RxColl register (address 0Dh);
Bit
Symbol
Description
7
CollPos
Valid
If set to 1, the value of CollPos is valid. Otherwise no collision is detected or the position of the
collision is out of the range of bits CollPos.
6 to 0
CollPos
These bits show the bit position of the first detected collision in a received frame (only data bits
are interpreted). CollPos can only be displayed for the first 8 bytes of a data stream.
Example:
00h indicates a bit collision in the 1st bit
01h indicates a bit collision in the 2nd bit
08h indicates a bit collision in the 9th bit (1st bit of 2nd byte)
Table 78. RxColl bits
CLRC663
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 5.3 — 3 January 2024
71 / 177



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com