Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLRC663 Datasheet(PDF) 33 Page - NXP Semiconductors

Part # CLRC663
Description  High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC663 Datasheet(HTML) 33 Page - NXP Semiconductors

Back Button CLRC663 Datasheet HTML 29Page - NXP Semiconductors CLRC663 Datasheet HTML 30Page - NXP Semiconductors CLRC663 Datasheet HTML 31Page - NXP Semiconductors CLRC663 Datasheet HTML 32Page - NXP Semiconductors CLRC663 Datasheet HTML 33Page - NXP Semiconductors CLRC663 Datasheet HTML 34Page - NXP Semiconductors CLRC663 Datasheet HTML 35Page - NXP Semiconductors CLRC663 Datasheet HTML 36Page - NXP Semiconductors CLRC663 Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 177 page
background image
NXP Semiconductors
CLRC663
High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
Value (decimal) Command
Parameter in
Parameter out
9
register access read
address (7)
data (8)
10
register access write
address (7) - data (8)
-
Table 28. Boundary scan command...continued
The Standard IEEE 1149.1 describes the four basic blocks necessary to use this interface: Test Access Port
(TAP), TAP controller, TAP instruction register, TAP data register;
8.4.6.1 Interface signals
The boundary scan interface implements a four line interface between the chip and the environment. There are
three Inputs: Test Clock (TCK); Test Mode Select (TMS); Test Data Input (TDI) and one output Test Data Output
(TDO). TCK and TMS are broadcast signals, TDI to TDO generate a serial line called Scan path.
Advantage of this technique is that independent of the numbers of boundary scan devices the complete path
can be handled with four signal lines.
The signals TCK, TMS are directly connected with the boundary scan controller. Because these signals are
responsible for the mode of the chip, all boundary scan devices in one scan path will be in the same boundary
scan mode.
8.4.6.2 Test Clock (TCK)
The TCK pin is the input clock for the module. If this clock is provided, the test logic is able to operate
independent of any other system clocks. In addition, it ensures that multiple boundary scan controllers that are
daisy-chained together can synchronously communicate serial test data between components. During normal
operation, TCK is driven by a free-running clock. When necessary, TCK can be stopped at 0 or 1 for extended
periods of time. While TCK is stopped at 0 or 1, the state of the boundary scan controller does not change and
data in the Instruction and Data Registers is not lost.
The internal pull-up resistor on the TCK pin is enabled. This assures that no clocking occurs if the pin is not
driven from an external source.
8.4.6.3 Test Mode Select (TMS)
The TMS pin selects the next state of the boundary scan controller. TMS is sampled on the rising edge of
TCK. Depending on the current boundary scan state and the sampled value of TMS, the next state is entered.
Because the TMS pin is sampled on the rising edge of TCK, the IEEE Standard 1149.1 expects the value on
TMS to change on the falling edge of TCK.
Holding TMS high for five consecutive TCK cycles drives the boundary scan controller state machine to the
Test-Logic-Reset state. When the boundary scan controller enters the Test-Logic-Reset state, the Instruction
Register (IR) resets to the default instruction, IDCODE. Therefore, this sequence can be used as a reset
mechanism.
The internal pull-up resistor on the TMS pin is enabled.
8.4.6.4 Test Data Input (TDI)
The TDI pin provides a stream of serial information to the IR chain and the DR chains. TDI is sampled on the
rising edge of TCK and, depending on the current TAP state and the current instruction, presents this data to
the proper shift register chain. Because the TDI pin is sampled on the rising edge of TCK, the IEEE Standard
1149.1 expects the value on TDI to change on the falling edge of TCK.
The internal pull-up resistor on the TDI pin is enabled.
CLRC663
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 5.3 — 3 January 2024
33 / 177



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com