Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLRC663 Datasheet(PDF) 64 Page - NXP Semiconductors

Part # CLRC663
Description  High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC663 Datasheet(HTML) 64 Page - NXP Semiconductors

Back Button CLRC663 Datasheet HTML 60Page - NXP Semiconductors CLRC663 Datasheet HTML 61Page - NXP Semiconductors CLRC663 Datasheet HTML 62Page - NXP Semiconductors CLRC663 Datasheet HTML 63Page - NXP Semiconductors CLRC663 Datasheet HTML 64Page - NXP Semiconductors CLRC663 Datasheet HTML 65Page - NXP Semiconductors CLRC663 Datasheet HTML 66Page - NXP Semiconductors CLRC663 Datasheet HTML 67Page - NXP Semiconductors CLRC663 Datasheet HTML 68Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 177 page
background image
NXP Semiconductors
CLRC663
High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
Bit
Symbol
Description
7
RegEn
If this bit is set to logic 1, the register HostCtrl_reg can be changed at the next register
access. The next write access clears this bit automatically.
6
BusHost
Set to logic 1, the bus is controlled by the host. This bit cannot be set together with the
bit BusSAM. This bit can only be set if the bit RegEn is previously set.
5
BusSAM
Set to logic 1, the bus is controlled by the SAM. This bit cannot be set together with Bus
Host. This bit can only be set if the bit RegEn is previously set.
4
RFU
-
3 to 2
SAMInterface
0h:SAM Interface switched off
1h:SAM Interface SPI active
2h:SAM Interface I2CL active
3h:SAM Interface I2C active
1 to 0
RFU
-
Table 54. HostCtrl bits
9.4 FIFO configuration register
9.4.1 FIFOControl
FIFOControl defines the characteristics of the FIFO
Bit
7
6
5
4
3
2
1
0
Symbol
FIFOSize
HiAlert
LoAlert
FIFOFlush
RFU
Water
LevelExtBit
FIFOLengthExtBits
Access
rights
r/w
r
r
w
-
r/w
r
Table 55. FIFOControl register (address 02h);
Bit
Symbol
Description
7
FIFOSize
Set to logic 1, FIFO size is 255 bytes;
Set to logic 0, FIFO size is 512 bytes.
It is recommended to change the FIFO size only, when the FIFO content had been
cleared.
6
HiAlert
Set to logic 1, when the number of bytes stored in the FIFO buffer fulfils the
following equation:
HiAlert = (FIFOSize - FIFOLength) <= WaterLevel
5
LoAlert
Set to logic 1, when the number of bytes stored in the FIFO buffer fulfils the
following conditions:
LoAlert =1 if FIFOLength <= WaterLevel
4
FIFOFlush
Set to logic 1 clears the FIFO buffer. Reading this bit will always return 0
3
RFU
-
2
WaterLevelExtBit
Defines the bit 8 (MSB) for the waterlevel (extension of register WaterLevel). This bit
is only evaluated in the 512-byte FIFO mode. Bits 7..0 are defined in register Water
Level.
Table 56. FIFOControl bits
CLRC663
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 5.3 — 3 January 2024
64 / 177



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com