Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLRC663 Datasheet(PDF) 39 Page - NXP Semiconductors

Part # CLRC663
Description  High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC663 Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button CLRC663 Datasheet HTML 35Page - NXP Semiconductors CLRC663 Datasheet HTML 36Page - NXP Semiconductors CLRC663 Datasheet HTML 37Page - NXP Semiconductors CLRC663 Datasheet HTML 38Page - NXP Semiconductors CLRC663 Datasheet HTML 39Page - NXP Semiconductors CLRC663 Datasheet HTML 40Page - NXP Semiconductors CLRC663 Datasheet HTML 41Page - NXP Semiconductors CLRC663 Datasheet HTML 42Page - NXP Semiconductors CLRC663 Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 177 page
background image
NXP Semiconductors
CLRC663
High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
TxClkMode (binary)
Tx1 and TX2 output
Remarks
000
High impedance
-
001
0
output pulled to 0 in any case
010
1
output pulled to 1 in any case
110
RF high side push
open-drain, only high side (push) MOS supplied with clock,
clock parity defined by invtx; low side MOS is off
101
RF low side pull
open-drain, only low side (pull) MOS supplied with clock,
clock parity defined by invtx; high side MOS is off
111
13.56 MHz clock derived from 27.12
MHz quartz divided by 2
push/pull Operation, clock polarity defined by invtx; setting
for 10 % modulation
Table 30. Settings for TX1 and TX2
Register TXamp and the bits for set_residual_carrier define the modulation index:
set_residual_carrier (decimal)
residual carrier [%]
modulation index [%]
0
99
0.5
1
98
1.0
2
96
2.0
3
94
3.1
4
91
4.7
5
89
5.8
6
87
7.0
7
86
7.5
8
85
8.1
9
84
8.7
10
83
9.3
11
82
9.9
12
81
10.5
13
80
11.1
14
79
11.7
15
78
12.4
16
77
13.0
17
76
13.6
18
75
14.3
19
74
14.9
20
72
16.3
21
70
17.6
22
68
19.0
23
65
21.2
24
60
25.0
Table 31. Setting residual carrier and modulation index by TXamp.set_residual_carrier
CLRC663
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 5.3 — 3 January 2024
39 / 177



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com