Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9300 Datasheet(PDF) 155 Page - STMicroelectronics

Part # L9300
Description  Automotive flexible U-chip for braking and transmission
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9300 Datasheet(HTML) 155 Page - STMicroelectronics

Back Button L9300 Datasheet HTML 151Page - STMicroelectronics L9300 Datasheet HTML 152Page - STMicroelectronics L9300 Datasheet HTML 153Page - STMicroelectronics L9300 Datasheet HTML 154Page - STMicroelectronics L9300 Datasheet HTML 155Page - STMicroelectronics L9300 Datasheet HTML 156Page - STMicroelectronics L9300 Datasheet HTML 157Page - STMicroelectronics L9300 Datasheet HTML 158Page - STMicroelectronics L9300 Datasheet HTML 159Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 178 page
background image
17.2.3
Internal supply electrical characteristics
5.5 V ≤ VBATP≤ 19 V; -40 °C ≤ Tj ≤ 175 °C unless otherwise noticed.
All voltages refer to GND pin.
Table 64. Internal supply electrical characteristics
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Pin
Oscillator monitor
fOSCINT_MON
Internal monitor Oscillator frequency
-7%
16
7%
MHz
OSCMON_timeout
Timeout for stuck detection
Guaranteed by scan
7.6
8
8.5
µs
OSC_freq_error
Max tolerable delta between oscillators
Guaranteed by scan
-17
20
%
GND loss
t_an_chop_clock
analog chopping period
Guaranteed by scan
12
16
20
µs
GND, GND_A
t_GND_selftest
GND loss self test duration
Guaranteed by scan
26
32
38
µs
GND, GND_A
17.2.4
Internal supply error Handling
Table 65. Internal supply monitor error type
Type of error
Detection
condition
Action
Clear SPI flag
Restart condition
Main/Safety Oscillator Out
of frequency
On state
Power down sequence triggered with RES1-2
assertion. SPI fault bit Main Oscillator Self check
(15) set in SERVFLT register
Clear on read
Automatic restart with
retrigger of power-up
sequence after fault
disappears
GND loss self test fail
Power-up
Warning flag GND Loss Selftest (10) set in
TEMPSENS register
Clear on read N.A.
GND_A loss self test fail
Power-up
Warning flag GND_A Loss Selftest (11) set in
TEMPSENS register
Clear on read N.A.
17.3
Valve drivers
17.3.1
Solenoid driver
ADC check
Current monitor function in valve drivers is achieved by means of two independent current sense circuits, one for
the HS power stage and one for the LS power stage; their output is then MUXed to the ADC input to close control
loop and calibration loop in the digital domain. This check is performed to guarantee ADC functionality using a
safety reference in parallel to the main one; the check is available on demand selecting the corresponding bit in
solenoid CONFIGURATION registers. This self test can be activated only if the channel is tristated since the
current sense circuitry is inhibited during its actuation; solenoid ADC output and its reference are compared with
auxiliary independent circuits, in case the output of the two conversions differs more than ±13 LSB a flag is set in
the EXCEPTIONS register.
L9300
Functional safety
DS12258 - Rev 5
page 155/178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com