Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9300 Datasheet(PDF) 159 Page - STMicroelectronics

Part # L9300
Description  Automotive flexible U-chip for braking and transmission
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9300 Datasheet(HTML) 159 Page - STMicroelectronics

Back Button L9300 Datasheet HTML 155Page - STMicroelectronics L9300 Datasheet HTML 156Page - STMicroelectronics L9300 Datasheet HTML 157Page - STMicroelectronics L9300 Datasheet HTML 158Page - STMicroelectronics L9300 Datasheet HTML 159Page - STMicroelectronics L9300 Datasheet HTML 160Page - STMicroelectronics L9300 Datasheet HTML 161Page - STMicroelectronics L9300 Datasheet HTML 162Page - STMicroelectronics L9300 Datasheet HTML 163Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 178 page
background image
17.3.2
Valve drivers electrical characteristics
5.5 V ≤ VBATP ≤ 19 V; 5.5 V ≤ VSx ≤ 19 V; -40 °C ≤ Tj ≤ 175 °C unless otherwise noticed. All voltages refer to
GND pin.
Table 66. Valve drivers electrical characteristics
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Pin
Solenoid Drivers
ADC_sampling_freq Sampling frequency
Guaranteed by scan
-5%
8
5%
MHz
IADC_test
ADC test current
29
30
31
µA
ADC_LSB
ADC resolution
0.89 0.9375 0.985
µA
ADC_check
Tolerable mismatch between
functional and safety ADCs
Guaranteed by scan
-13
13
LSB LOADx
t_ADC_check
Self test duration
Guaranteed by scan, all channels monitored
0.1
0.25
0.3
ms
LOADx
t_BIST
Solenoid Logic BIST duration Guaranteed by scan
1
5
ms
LOADx
t_EEPROM
EEPROM download time
Time to read entire content of EEPROM from
CP_uv release Guaranteed by scan
1
3.5
4
ms
t_EEPROM_sol
EEPROM download time
solenoid
Time to read calibration data after 1 configuration
change request in a channel pair (ex. CH0/1 LL -->
LH) Guaranteed by scan
1
3.5
4
ms
t_EEPROM_sol2
EEPROM download time
solenoid_2
Time to read calibration data after both
configurations change in a channel pair (ex. CH0/1
LL --> HH) Guaranteed by scan
1
7
8
ms
tmask
PWM check masking time
Solenoid ON state, Guaranteed by design
2
200
µs
LOADx
t_an_chop_clock
analog chopping period
Guaranteed by scan
250
300
350
µs
17.3.3
Valve drivers error handling
Table 67. Valve driver error handling
Type of error
Detection
condition
Action
Clear SPI
flag
Restart condition
ADC check
Tristate
condition
Solenoid A/D self check bit set in Exceptions
registers
Clear on read N.A.
Logic BIST fail
Tristate
condition
Faulted channel kept tristated until fault is
present. Solenoid Logic BIST Status bit (10:9)
available on Exceptions registers
Clear on read
Clear diagnostic bits and set
DRVENAx bits in SolEnDRV
registers
CRC check
analog
On state
Trimming bits masked with default configuration,
warning flags EEPROM Trimming data CRC
(18:17) set in SERVFLT register
Clear on
POR
Restart of the device or masking of
CRC result with Mask CRC error on
Trimming data bit (5) in
SERVFLTMSK register
CRC check
Solenoid
On state
Trimming bits masked with default configuration,
warning flags CRC error (14:13) set in Exceptions
registers
Clear on
POR
Re-enable of the solenoid channels
or masking of CRC result with CRC
Error Mask (14:13) bits in
DRVFLTMSK registers
Off state
diagnostic self
test
Tristate,
diagnostic
disabled
Warning flag Solenoid Diag Self Test (OFF
state) (8:7) in Exceptions registers
Clear on read N.A.
PWM check
On state
Warning flag Comparators Self Test (Active)
status (12:11) in Exceptions registers
Clear on read N.A.
L9300
Functional safety
DS12258 - Rev 5
page 159/178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com