Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9300 Datasheet(PDF) 160 Page - STMicroelectronics

Part # L9300
Description  Automotive flexible U-chip for braking and transmission
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9300 Datasheet(HTML) 160 Page - STMicroelectronics

Back Button L9300 Datasheet HTML 156Page - STMicroelectronics L9300 Datasheet HTML 157Page - STMicroelectronics L9300 Datasheet HTML 158Page - STMicroelectronics L9300 Datasheet HTML 159Page - STMicroelectronics L9300 Datasheet HTML 160Page - STMicroelectronics L9300 Datasheet HTML 161Page - STMicroelectronics L9300 Datasheet HTML 162Page - STMicroelectronics L9300 Datasheet HTML 163Page - STMicroelectronics L9300 Datasheet HTML 164Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 178 page
background image
18
Functional table
The functionality behavior of the device is summarized in the following figure.
Figure 71. Functional table diagram
3V3
Charge
pump
VDD1
EXT-
RES
GND-
LOSS
3 -3.8
3.8 - 55
5.5 - 6
6 - 7.5
7.5 - 19
19 - 27
27 - 36
2.6 - 3
VCP >
VBATP +
5V
VDD1 <
VDD_ST
EN
9.1/10-
9.6/10
11/10-
11.8 /10
9.1/10 -
9.6/10
11/10-
11.8/10
175-185
175-185
175-185
185-195
-
-
-
-
V33_AN / V33_D1G
VDD1
VDD2
VDD3
VDD4
CAN-TX
CAN-RX
Charge Pump
Pump Pre-Driver
Failsale Pre-Driver
TRK1-4
Solenoid
Register
Power up/down
Q&A WDT
PRUN WDT
GPO
Thermal
WDT
VDD4
VDD3
VBATP
Normal Operation
Degradation
Direct Stop Part
Possible Stop Part
depending on supply/reset
domain
Disable the circuit in thermic
Detection Part
T
T
T
T
GADG2707170847PS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com