Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52820-QDAA-R Datasheet(PDF) 41 Page - Nordic Semiconductor

Part # NRF52820-QDAA-R
Description  nRF52820
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52820-QDAA-R Datasheet(HTML) 41 Page - Nordic Semiconductor

Back Button NRF52820-QDAA-R Datasheet HTML 37Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 38Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 39Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 40Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 41Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 42Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 43Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 44Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 45Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 437 page
background image
Core components
The debug access port (DAP) implements a standard ARM® CoreSight™ serial wire debug port (SW-DP),
which implements the serial wire debug protocol (SWD). SWD is a two-pin serial interface, see SWDCLK
and SWDIO in Debug overview on page 40.
In addition to the default access port in CPU (AHB-AP), the DAP includes a custom control access port
(CTRL-AP). The CTRL-AP is described in more detail in CTRL-AP - Control access port on page 41.
Note:
• The SWDIO line has an internal pull-up resistor.
• The SWDCLK line has an internal pull-down resistor.
4.8.2 CTRL-AP - Control access port
The control access port (CTRL-AP) is a custom access port that enables control of the device when other
access ports in the DAP are disabled by the access port protection.
Access port protection blocks the debugger from read and write access to all CPU registers and memory-
mapped addresses. See the UICR register APPROTECT on page 36 for more information on enabling
access port protection.
Control access port has the following features:
• Soft reset, see Reset on page 57 for more information
• Disabling of access port protection, which is the reason why CTRL-AP allows control of the device even
when all other access ports in the DAP are disabled by the access port protection
Access port protection is disabled by issuing an ERASEALL command via CTRL-AP. This command will erase
the flash, UICR, and RAM.
4.8.2.1 Registers
Register
Offset
Description
RESET
0x000
Soft reset triggered through CTRL-AP
ERASEALL
0x004
Erase all
ERASEALLSTATUS
0x008
Status register for the ERASEALL operation
APPROTECTSTATUS
0x00C
Status register for access port protection
IDR
0x0FC
CTRL-AP identification register, IDR
Table 13: Register overview
4.8.2.1.1 RESET
Address offset: 0x000
Soft reset triggered through CTRL-AP
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
RW RESET
Soft reset triggered through CTRL-AP. See Reset behavior in
POWER chapter for more details.
NoReset
0
Reset is not active
Reset
1
Reset is active. Device is held in reset.
4463_156 v1.0
41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com