Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52820-QDAA-R Datasheet(PDF) 53 Page - Nordic Semiconductor

Part # NRF52820-QDAA-R
Description  nRF52820
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52820-QDAA-R Datasheet(HTML) 53 Page - Nordic Semiconductor

Back Button NRF52820-QDAA-R Datasheet HTML 49Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 50Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 51Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 52Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 53Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 54Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 55Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 56Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 57Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 437 page
background image
Power and clock management
The power supply supervisor is illustrated in the following figure.
POFCON.POF
MUX
VPOF
MUX
2.8 V
1.8 V
1.7 V
4.2 V
2.8 V
2.7 V
VDD
VDDH
VPOFH
POFWARN
VBOR
Brownout reset
Power-on reset
C
R
VDD
POFCON.THRESHOLD
POFCON.POF
(VDDH>VDD)
POFCON.THRESHOLDVDDH
Figure 17: Power supply supervisor
5.3.1.5 Power-fail comparator
Using the power-fail comparator (POF) is optional. When enabled, it can provide an early warning to the
CPU of an impending power supply failure.
To enable and configure the power-fail comparator, see the register POFCON on page 64.
When the supply voltage falls below the defined threshold, the power-fail comparator generates an event
(POFWARN) that can be used by an application to prepare for power failure. This event is also generated
when the supply voltage is already below the threshold at the time the power-fail comparator is enabled,
or if the threshold is re-configured to a level above the supply voltage.
4463_156 v1.0
53



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com