Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52820-QDAA-R Datasheet(PDF) 46 Page - Nordic Semiconductor

Part # NRF52820-QDAA-R
Description  nRF52820
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52820-QDAA-R Datasheet(HTML) 46 Page - Nordic Semiconductor

Back Button NRF52820-QDAA-R Datasheet HTML 42Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 43Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 44Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 45Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 46Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 47Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 48Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 49Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 50Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 437 page
background image
Power and clock management
Symbol
Description
Min.
Typ.
Max.
Units
ION_RAMOFF_EVENT_5V System ON, no RAM retention, wake on any event, 5 V
supply on VDDH, REG0 output = 3.3 V
0.9
µA
IOFF_RAMOFF_RESET_5V System OFF, no RAM retention, wake on reset, 5 V supply on
VDDH, REG0 output = 3.3 V
0.7
µA
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
-40
-20
0
20
40
60
80
100
120
Temperature Range [ºC]
1.7 V
3 V
3.6 V
Figure 9: System OFF, no RAM retention, wake on reset (typical values)
0
1
2
3
4
5
6
7
8
-40
-20
0
20
40
60
80
100
120
Temperature Range [ºC]
1.7 V
3 V
3.6 V
Figure 10: System ON, no RAM retention, wake on any event (typical values)
4463_156 v1.0
46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com