Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52820-QDAA-R Datasheet(PDF) 14 Page - Nordic Semiconductor

Part # NRF52820-QDAA-R
Description  nRF52820
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52820-QDAA-R Datasheet(HTML) 14 Page - Nordic Semiconductor

Back Button NRF52820-QDAA-R Datasheet HTML 10Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 11Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 12Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 13Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 14Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 15Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 16Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 17Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 18Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 437 page
background image
4 Core components
4.1 CPU
The ARM® Cortex®-M4 processor has a 32-bit instruction set (Thumb®-2 technology) that implements a
superset of 16- and 32-bit instructions to maximize code density and performance.
This processor implements the following features that enable energy-efficient arithmetic and high-
performance signal processing.
• Digital signal processing (DSP) instructions
• Single-cycle multiply and accumulate (MAC) instructions
• Hardware divide
• 8- and 16-bit single instruction multiple data (SIMD) instructions
The ARM® Cortex® Microcontroller Software Interface Standard (CMSIS) hardware abstraction layer for the
ARM®Cortex® processor series is implemented and available for the M4 CPU.
Real-time execution is highly deterministic in thread mode, to and from sleep modes, and when handling
events at configurable priority levels via the nested vectored interrupt controller (NVIC).
Executing code from flash memory will have a wait state penalty on the nRF52 Series. The Electrical
specification on page 15 shows CPU performance parameters including wait states in different modes,
CPU current and efficiency, and processing power and efficiency based on the CoreMark® benchmark.
The ARM system timer (SysTick) is present on nRF52820. The SysTick's clock will only tick when the CPU is
running or when the system is in debug interface mode.
4.1.1 CPU and support module configuration
The ARM® Cortex®-M4 processor has a number of CPU options and support modules implemented on the
IC.
Option / Module
Description
Implemented
Core options
NVIC
Nested vector interrupt controller
48 vectors
PRIORITIES
Priority bits
3
WIC
Wakeup interrupt controller
NO
Endianness
Memory system endianness
Little endian
Bit-banding
Bit banded memory
NO
DWT
Data watchpoint and trace
NO
SysTick
System tick timer
YES
Modules
MPU
Memory protection unit
YES
FPU
Floating-point unit
NO
DAP
Debug access port
YES
ETM
Embedded trace macrocell
NO
ITM
Instrumentation trace macrocell
NO
TPIU
Trace port interface unit
NO
ETB
Embedded trace buffer
NO
FPB
Flash patch and breakpoint unit
YES
HTM
AMBA
™ AHB trace macrocell
NO
4463_156 v1.0
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com