Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52820-QDAA-R Datasheet(PDF) 70 Page - Nordic Semiconductor

Part # NRF52820-QDAA-R
Description  nRF52820
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52820-QDAA-R Datasheet(HTML) 70 Page - Nordic Semiconductor

Back Button NRF52820-QDAA-R Datasheet HTML 66Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 67Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 68Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 69Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 70Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 71Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 72Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 73Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 74Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 437 page
background image
Power and clock management
LFCLKSTART
HFCLKSTART
LFCLKSTOP
HFCLKSTOP
LFCLKSTARTED
HFCLKSTARTED
CLOCK
32.768 kHz
32 MHz
LFCLK
Clock control
XL1
XL2
HFCLK
Clock control
XC1
XC2
CAL
SYNT
LFXO
Crystal oscillator
HFXO
Crystal oscillator
PCLK32KI
PCLK1M
PCLK16M
HCLK64M
LFRC
RC oscillator
HFINT
Internal oscillator
PCLK32M
Figure 20: Clock control
5.4.1 HFCLK controller
The HFCLK controller provides several clock signals in the system.
These are as follows:
• HCLK64M: 64 MHz CPU clock
• PCLK1M: 1 MHz peripheral clock
• PCLK16M: 16 MHz peripheral clock
• PCLK32M: 32 MHz peripheral clock
The HFCLK controller uses the following high frequency clock (HFCLK) sources:
• 64 MHz internal oscillator (HFINT)
• 64 MHz crystal oscillator (HFXO)
For illustration, see Clock control on page 70.
The HFCLK controller will automatically provide the clock(s) requested by the system. If the system does
not request any clocks from the HFCLK controller, the controller will enter a power saving mode.
The HFINT source will be used when HFCLK is requested and HFXO has not been started.
The HFXO is started by triggering the HFCLKSTART task and stopped by triggering the HFCLKSTOP task.
When the HFCLKSTART task is triggered, the HFCLKSTARTED event is generated once the HFXO startup
time has elapsed. The HFXO startup time is given as the sum of the following:
• HFXO power-up time, as specified in 64 MHz crystal oscillator (HFXO) on page 82.
• HFXO debounce time, as specified in register HFXODEBOUNCE on page 81.
The HFXO must be running to use the RADIO or the calibration mechanism associated with the 32.768 kHz
RC oscillator.
4463_156 v1.0
70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com