Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52820-QDAA-R Datasheet(PDF) 64 Page - Nordic Semiconductor

Part # NRF52820-QDAA-R
Description  nRF52820
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52820-QDAA-R Datasheet(HTML) 64 Page - Nordic Semiconductor

Back Button NRF52820-QDAA-R Datasheet HTML 60Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 61Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 62Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 63Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 64Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 65Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 66Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 67Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 68Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 437 page
background image
Power and clock management
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
B A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
R
VBUSDETECT
VBUS input detection status (USBDETECTED and
USBREMOVED events are derived from this information)
NoVbus
0
VBUS voltage below valid threshold
VbusPresent
1
VBUS voltage above valid threshold
B
R
OUTPUTRDY
USB supply output settling time elapsed
NotReady
0
USBREG output settling time not elapsed
Ready
1
USBREG output settling time elapsed (same information as
USBPWRRDY event)
5.3.7.14 SYSTEMOFF
Address offset: 0x500
System OFF register
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
W SYSTEMOFF
Enable System OFF mode
Enter
1
Enable System OFF mode
5.3.7.15 POFCON
Address offset: 0x510
Power-fail comparator configuration
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
D D D D
B B B B A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
RW POF
Enable or disable power failure warning
Disabled
0
Disable
Enabled
1
Enable
B
RW THRESHOLD
Power-fail comparator threshold setting. This setting applies
both for normal voltage mode (supply connected to both
VDD and VDDH) and high voltage mode (supply connected
to VDDH only). Values 0-3 set threshold below 1.7 V and
should not be used as brown out detection will be activated
before power failure warning on such low voltages.
V17
4
Set threshold to 1.7 V
V18
5
Set threshold to 1.8 V
V19
6
Set threshold to 1.9 V
V20
7
Set threshold to 2.0 V
V21
8
Set threshold to 2.1 V
V22
9
Set threshold to 2.2 V
V23
10
Set threshold to 2.3 V
V24
11
Set threshold to 2.4 V
V25
12
Set threshold to 2.5 V
V26
13
Set threshold to 2.6 V
4463_156 v1.0
64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com