Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52820-QDAA-R Datasheet(PDF) 18 Page - Nordic Semiconductor

Part # NRF52820-QDAA-R
Description  nRF52820
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52820-QDAA-R Datasheet(HTML) 18 Page - Nordic Semiconductor

Back Button NRF52820-QDAA-R Datasheet HTML 14Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 15Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 16Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 17Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 18Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 19Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 20Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 21Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 22Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 437 page
background image
Core components
4.2.4 Instantiation
ID
Base address
Peripheral
Instance
Description
0
0x40000000
CLOCK
CLOCK
Clock control
0
0x40000000
POWER
POWER
Power control
0
0x50000000
GPIO
GPIO
General purpose input and output
Deprecated
0
0x50000000
GPIO
P0
General purpose input and output, port 0.
1
0x40001000
RADIO
RADIO
2.4 GHz radio
2
0x40002000
UART
UART0
Universal asynchronous receiver/transmitter
Deprecated
2
0x40002000
UARTE
UARTE0
Universal asynchronous receiver/transmitter with EasyDMA,
unit 0
3
0x40003000
SPI
SPI0
SPI master 0
Deprecated
3
0x40003000
SPIM
SPIM0
SPI master 0
3
0x40003000
SPIS
SPIS0
SPI slave 0
3
0x40003000
TWI
TWI0
Two-wire interface master 0
Deprecated
3
0x40003000
TWIM
TWIM0
Two-wire interface master 0
3
0x40003000
TWIS
TWIS0
Two-wire interface slave 0
4
0x40004000
SPI
SPI1
SPI master 1
Deprecated
4
0x40004000
SPIM
SPIM1
SPI master 1
4
0x40004000
SPIS
SPIS1
SPI slave 1
4
0x40004000
TWI
TWI1
Two-wire interface master 1
Deprecated
4
0x40004000
TWIM
TWIM1
Two-wire interface master 1
4
0x40004000
TWIS
TWIS1
Two-wire interface slave 1
6
0x40006000
GPIOTE
GPIOTE
GPIO tasks and events
8
0x40008000
TIMER
TIMER0
Timer 0
9
0x40009000
TIMER
TIMER1
Timer 1
10
0x4000A000
TIMER
TIMER2
Timer 2
11
0x4000B000
RTC
RTC0
Real-time counter 0
12
0x4000C000
TEMP
TEMP
Temperature sensor
13
0x4000D000
RNG
RNG
Random number generator
14
0x4000E000
ECB
ECB
AES electronic code book (ECB) mode block encryption
15
0x4000F000
AAR
AAR
Accelerated address resolver
15
0x4000F000
CCM
CCM
AES counter with CBC-MAC (CCM) mode block encryption
16
0x40010000
WDT
WDT
Watchdog timer
17
0x40011000
RTC
RTC1
Real-time counter 1
18
0x40012000
QDEC
QDEC
Quadrature decoder
19
0x40013000
COMP
COMP
General purpose comparator
20
0x40014000
EGU
EGU0
Event generator unit 0
20
0x40014000
SWI
SWI0
Software interrupt 0
21
0x40015000
EGU
EGU1
Event generator unit 1
21
0x40015000
SWI
SWI1
Software interrupt 1
22
0x40016000
EGU
EGU2
Event generator unit 2
22
0x40016000
SWI
SWI2
Software interrupt 2
23
0x40017000
EGU
EGU3
Event generator unit 3
23
0x40017000
SWI
SWI3
Software interrupt 3
24
0x40018000
EGU
EGU4
Event generator unit 4
24
0x40018000
SWI
SWI4
Software interrupt 4
25
0x40019000
EGU
EGU5
Event generator unit 5
25
0x40019000
SWI
SWI5
Software interrupt 5
26
0x4001A000
TIMER
TIMER3
Timer 3
30
0x4001E000
ACL
ACL
Access control lists
30
0x4001E000
NVMC
NVMC
Non-volatile memory controller
31
0x4001F000
PPI
PPI
Programmable peripheral interconnect
4463_156 v1.0
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com